73VR1100-N-R
AI

The **73VR1100-N-R** is a specific electronic component, typically categorized as a **Variable Resistor** or a **Cermet Trimming Potentiometer**. These components are widely used in circuit design to fine-tune voltage or current levels after the circuit has been manufactured.
---
### Technical Specifications
Below are the primary technical characteristics associated with this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Cermet Trimmer / Potentiometer |
| **Adjustment Type** | Top Adjustment (Single Turn) |
| **Resistance Range** | Commonly 100 Ohms (depending on sub-code) |
| **Mounting Type** | Through-Hole (PC Pins) |
| **Material** | Cermet (Ceramic/Metal composite) |
| **Tolerance** | ±10% to ±20% |
| **Power Rating** | 0.5W at 70°C |
---
### Key Internal Components
To understand the "electronic parts" of this device, we must look at its internal construction:
1. **The Resistive Element:** Made of **Cermet**. This is a combination of ceramic and metal. It is preferred in electronics because it offers better stability and a lower temperature coefficient than carbon-based resistors.
2. **The Wiper:** A metal contact that slides across the resistive element. As you turn the adjustment screw, the wiper moves, changing the resistance between the center pin and the outer pins.
3. **The Substrate:** A ceramic base that holds the resistive track and dissipates heat.
4. **Terminals (Pins):** Usually three pins—two connected to the ends of the resistive track and one (the "wiper") that provides the variable output.
---
### Pinout Configuration
Standard 3-pin potentiometers like the 73VR series follow this logical layout:
```text
Pin 1: Fixed End (Start of Track)
Pin 2: Wiper (Adjustable Output)
Pin 3: Fixed End (End of Track)
```
### Common Applications
* **Calibration:** Adjusting the accuracy of sensors or measuring equipment.
* **Gain Control:** Setting the amplification level in operational amplifier (Op-Amp) circuits.
* **Voltage Division:** Creating a variable voltage reference for microcontrollers.
* **LCD Contrast:** Many older 16x2 LCD screens use this component to adjust the visibility of the text.
---
### Usage Note (The "R" Suffix)
In many electronic naming conventions, the **-R** suffix indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead, making it suitable for modern environmental standards.
- ⤷
What is the difference between a Cermet and a Carbon trimmer?
- ⤷ How do I choose the correct resistance value for my circuit?
- ⤷ Can this component be used for high-power applications?