Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 8502SDO2V02SY437

  • AI
    The part number **8502SDO2V02SY437** refers to a specific configuration of a Square D (Schneider Electric) NEMA Type Magnetic Contactor. These devices are used primarily for switching power to electric motors or large resistive loads. ### Component Breakdown To understand the electronic and mechanical parts of this specific model, we can decode the part number nomenclature: | Code Segment | Description | Details | | :--- | :--- | :--- | | **8502** | Class Type | Indicates a NEMA Type S Non-Reversing Magnetic Contactor. | | **S** | NEMA Size | Size 0 (Max 18A, 3HP @ 230V / 5HP @ 460V). | | **D** | Enclosure | Open Style (No metal box/enclosure, intended for panel mounting). | | **O** | Pole Configuration | 3-Pole (standard three-phase switching). | | **2** | Series | Series designation for internal design revisions. | | **V02** | Coil Voltage | 120V AC @ 60Hz / 110V AC @ 50Hz. | | **S** | Special Feature | Separate control circuit (isolated from the load circuit). | | **Y437** | Form Code | Custom modification code (typically specific to terminal types or auxiliary contacts). | --- ### Key Electronic & Mechanical Parts #### 1. Magnetic Operating Coil (V02) This is the "heart" of the device. When 120V AC is applied to terminals A1 and A2, it creates an electromagnetic field that pulls the movable armature toward the stationary core. * **Encapsulation:** Usually epoxy-molded to resist moisture and vibration. #### 2. Power Contacts (3-Pole) The contacts are designed to handle high-current inductive loads. * **Material:** Silver-cadmium oxide or similar alloys to prevent welding and minimize electrical arcing. * **Action:** Double-break design, which increases the air gap quickly to extinguish arcs more effectively than single-break contacts. #### 3. The Armature and Spring System * **Armature:** The moving steel part of the magnetic circuit. * **Return Spring:** Ensures that the contacts snap open immediately when the coil is de-energized, preventing "teasing" of the contacts which causes burnout. #### 4. Arc Chutes / Shields Non-conductive barriers located between the power poles. They prevent phase-to-phase short-circuiting by containing and dissipating the electrical arc generated when the contacts open under load. #### 5. Auxiliary Contacts (Form Y437) Depending on the specific `Y437` modification, this unit likely includes an auxiliary contact block. This is a smaller set of contacts used for: * **Status feedback** (sending a signal to a PLC or pilot light). * **Seal-in circuits** (keeping the contactor closed after a momentary push-button is released). --- ### Specifications Table | Feature | Specification | | :--- | :--- | | **NEMA Size** | 0 | | **Ampere Rating** | 18 Amperes | | **Phase** | 3-Phase | | **Coil Voltage** | 110/120VAC | | **Mounting** | Panel / Surface | | **Standards** | UL Listed, CSA Certified, NEMA Rated |
    ✨ Follow-up Questions
    • ⤷ What is the specific meaning of the Y437 modification code for this model?
    • ⤷ How do I wire the separate control circuit 'S' feature on this contactor?
    • ⤷ What is the recommended overload relay to pair with the 8502SDO2?