Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • 88C11-AF5-R

  • AI
    The **88C11-AF5-R** is a specific electronic component, typically categorized as a **Low Dropout (LDO) Voltage Regulator** or a **Voltage Detector/Reset IC**, often manufactured by companies like UTC (Unisonic Technologies). Below is a detailed breakdown of its specifications and technical characteristics. --- ### 1. General Specifications The 88C11-AF5-R belongs to a family of CMOS-based integrated circuits designed for power management in battery-operated devices. | Feature | Description | | :--- | :--- | | **Part Number** | 88C11-AF5-R | | **Package Type** | SOT-25 / SOT-23-5 (indicated by "AF5") | | **Function** | Voltage Regulator / Supervisor | | **Technology** | CMOS | | **RoHS Status** | Lead-Free / Halogen Free (indicated by "R") | --- ### 2. Pin Configuration (SOT-25) Standard 5-pin configuration for this series usually follows this layout: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage | | 2 | **VSS** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BP** | No Connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### 3. Key Technical Characteristics * **Low Quiescent Current:** Designed to consume very little power during standby, extending battery life. * **Low Dropout Voltage:** Can maintain a stable output even when the input voltage is only slightly higher than the output. * **High Accuracy:** Usually provides an output voltage with a tolerance of $\pm 2\%$. * **Built-in Protection:** Often includes thermal shutdown and short-circuit current limiting. --- ### 4. Part Number Decoder The nomenclature of the part can be broken down to understand its specific attributes: | Segment | Meaning | | :--- | :--- | | **88C11** | Series Model (Designates the specific voltage and function) | | **A** | Version/Accuracy Grade | | **F5** | Package Code (SOT-25) | | **R** | Tape & Reel Packaging (and typically Halogen-free) | --- ### 5. Common Applications Due to its small footprint and efficiency, this part is commonly found in: 1. **Mobile Phones:** Local power regulation for RF or Logic blocks. 2. **Portable Electronics:** MP3 players, cameras, and handheld GPS. 3. **Battery-Powered Tools:** Providing a stable reference voltage for microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage for the 88C11-AF5-R version?
    • ⤷ Can this component be used in automotive applications?
    • ⤷ What are the equivalent alternatives for this UTC voltage regulator?