898-81-R10K
AI

## Understanding the 898-81-R10K Component
The **898-81-R10K** is a specific electronic component belonging to the **Resistor Network** category, manufactured primarily by BI Technologies (a brand of TT Electronics).
Below is a detailed breakdown of its technical specifications and physical characteristics.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical properties:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Thick Film Resistor Network |
| **Resistance Value** | 10k $\Omega$ (indicated by "10K") |
| **Tolerance** | $\pm 2\%$ |
| **Package Type** | Dual-In-Line Package (DIP) |
| **Number of Pins** | 16 Pins |
| **Circuit Configuration** | Isolated (indicated by "1") |
| **Temperature Coefficient** | $\pm 100 \text{ppm/}^\circ\text{C}$ |
| **Power Rating per Resistor** | Approximately 0.125W to 0.20W |
---
### 2. Circuit Configuration: Isolated (Code "1")
The "81" in the part number indicates the internal schematic.
- In an **Isolated Configuration**, each resistor is independent within the package.
- With 16 pins, this component contains **8 individual resistors**.
- Each resistor connects two opposite pins (e.g., Pin 1 to Pin 16, Pin 2 to Pin 15, etc.).
- There is no common bus or shared connection between the resistors.
---
### 3. Applications
These networks are used to save board space and improve manufacturing efficiency compared to using individual discrete resistors. Common uses include:
* **Line Termination:** Matching impedance for data lines.
* **Pull-up/Pull-down:** Providing logic levels for digital ICs.
* **Current Limiting:** Protecting LEDs or interface circuits.
* **Gain Setting:** Used in op-amp circuits where matched resistance is required.
---
### 4. Part Number Decoding
```text
898 - 3 - R10K
| | |
| | +-- Resistance Value (10,000 Ohms)
| +------- Circuit Code (1 = Isolated; 3 = Bussed)
+------------ Series (898 = 16-pin DIP Thick Film)
```
- ⤷
What is the difference between an isolated and a bussed resistor network?
- ⤷Can this component be replaced with an SMD equivalent for modern PCBs?
- ⤷How does the power rating change if all 8 resistors are used simultaneously?