Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • A-MCSSP60200G-R

  • AI
    The **A-MCSSP60200G-R** is a high-performance, shielded Ethernet patch cable (Cat6) manufactured by **ASSMANN WSW Components**. It is designed for high-speed data transmission in environments where electromagnetic interference (EMI) is a concern. --- ### 1. Technical Specifications The following table outlines the primary electronic and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Category** | Cat6 (Gigabit Ethernet) | | **Shielding Type** | S/FTP (Screened/Foiled Twisted Pair) | | **Connector Type** | RJ45 (8P8C) | | **Cable Length** | 2.0 Meters (approx. 6.5 feet) | | **Color** | Green | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | | **Conductor Material** | Copper | | **Wiring Standard** | TIA/EIA 568B | --- ### 2. Key Electronic Components & Features #### A. S/FTP Shielding Architecture This part utilizes a dual-layer shielding method: * **Individual Foil Shielding:** Each of the four twisted pairs is wrapped in aluminum foil. This minimizes **crosstalk** between the internal pairs. * **Outer Braid Shield:** An overall copper braid surrounds all pairs. This provides a path to ground for **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**, ensuring signal integrity in industrial or high-density server environments. #### B. LSZH (Low Smoke Zero Halogen) Jacket The "electronic" safety aspect of the jacket is crucial for infrastructure. In the event of a fire caused by electrical shorts: * It emits very limited smoke. * It produces no toxic halogen gases (like chlorine or fluorine), protecting sensitive electronic equipment from corrosion and ensuring human safety. #### C. Gold-Plated Contacts The RJ45 connectors feature gold-plated pins (typically 3μ to 50μ). Gold is used because it is highly conductive and resistant to oxidation, ensuring a low-resistance connection over thousands of mating cycles. --- ### 3. Application Use Cases * **Data Centers:** Connection between rack-mounted servers and switches. * **Industrial Automation:** Used where heavy machinery might generate electrical noise that disrupts standard UTP cables. * **High-Speed Networking:** Supports speeds up to 1000Mbps (1Gbps) and bandwidths up to 250MHz. --- ### 4. Part Number Breakdown `A-MCSSP60200G-R` * **A-MCSS**: Assmann Shielded Category 6 series. * **P**: Patch Cable. * **60**: Category 6 specification. * **200**: Length (200 cm / 2.0 meters). * **G**: Green Color. * **-R**: RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What is the difference between S/FTP and UTP in terms of signal noise reduction?
    • ⤷ Does this cable support Power over Ethernet (PoE) applications?
    • ⤷ What are the specific advantages of an LSZH jacket over a standard PVC jacket?