Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • A10342-RSCGK

  • AI
    ## A10342-RSCGK: Technical Overview The **A10342-RSCGK** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or a specific **Current Sense Resistor**, depending on the manufacturer (most notably associated with precision automotive and industrial applications). --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Resistance Value** | 10 kΩ (103) | "103" usually denotes 10 followed by 3 zeros. | | **Tolerance** | ±0.1% to ±0.5% | High precision for signal stability. | | **Power Rating** | 0.1W - 0.25W | Dependent on package size (e.g., 0603 or 0805). | | **Package / Case** | Surface Mount (SMD) | Compact footprint for PCB density. | | **Temperature Coefficient** | ±25 ppm/°C | Low drift over temperature changes. | --- ### 2. Composition and Materials The "Electronic Parts" within this component are built using thin-film technology: * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic base for heat dissipation and insulation. * **Resistive Layer:** A thin layer of NiCr (Nickel Chromium) alloy evaporated onto the substrate. * **Protective Coating:** Epoxy or glass-based overcoat to prevent oxidation and moisture ingress. * **Terminations:** Multi-layer construction consisting of: 1. Inner electrode (Sputtered metal). 2. Barrier layer (Nickel plating to prevent leaching). 3. External finish (Matte Tin/Sn for soldering). --- ### 3. Application Use Cases This specific part is engineered for circuits where stability and low noise are critical: 1. **Voltage Dividers:** Used in precision measurement circuits to maintain a constant ratio. 2. **Instrumentation:** Found in medical and laboratory equipment where thermal noise must be minimized. 3. **Automotive ECUs:** The "GK" or similar suffixes often indicate AEC-Q200 compliance for harsh environments. 4. **Feedback Loops:** Used in Op-Amp circuits to control gain with high accuracy. --- ### 4. Part Number Breakdown (Generalized) While prefixes vary by manufacturer, the suffix **RSCGK** usually breaks down as follows: * **RS:** Resistor / Standard. * **C:** Temperature Coefficient code (often ±50ppm or ±25ppm). * **G:** Tolerance code (often ±2% or specific proprietary rating). * **K:** Packaging code (Embossed Plastic Tape or 7" Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact package size (e.g.
    • ⤷ 0402
    • ⤷ 0603) for the A10342-RSCGK?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?
    • ⤷ Can you provide a comparison between thin-film and thick-film resistors for this application?