Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • A19360LUBATN-RPR8

  • AI
    The **A19360LUBATN-RPR8** is a high-performance Hall-effect sensor Integrated Circuit (IC) developed by **Allegro MicroSystems**. It is specifically designed for automotive applications, particularly for measuring speed and direction in transmission and crankshaft systems. --- ## 1. Technical Specifications Overview The following table highlights the core electrical and mechanical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Allegro MicroSystems | | **Sensor Type** | Hall Effect (Dual Element) | | **Output Type** | PWM (Pulse Width Modulation) | | **Operating Voltage** | 4.0V to 24V | | **Operating Temperature** | -40°C to 150°C (Grade L) | | **Package** | 2-pin SIP (UB) | | **Target Application** | Ferrous target sensing (Gear tooth) | --- ## 2. Key Electronic Components & Features ### A. Dual Hall-Effect Elements The IC contains two Hall-effect elements spaced precisely apart. By measuring the differential signal between these two points, the sensor can: * Eliminate common-mode magnetic noise. * Determine the **direction of rotation** (Forward vs. Reverse). ### B. Integrated Capacitor (UB Package) The "UB" designation refers to a specialized two-pin package that includes an **integrated ceramic bypass capacitor**. * **Purpose:** Provides enhanced EMC (Electromagnetic Compatibility) performance and protection against voltage transients. * **Benefit:** Reduces the need for external components on the PCB or lead frame, saving space and cost. ### C. Advanced Algorithms The A19360 utilizes Allegro's proprietary algorithms to handle real-world mechanical challenges: * **Vibration Robustness:** The "SolidDrive" digital architecture helps distinguish between actual rotation and machine vibration. * **Automatic Gain Control (AGC):** Dynamically adjusts the gain to compensate for variations in air gap (the distance between the sensor and the gear). --- ## 3. Signal Output (PWM) Unlike simple switches, the A19360 provides a high-resolution **PWM signal**. This allows the Engine Control Unit (ECU) to receive multiple data points over just two wires: 1. **Pulse Frequency:** Represents the speed of the rotating gear. 2. **Pulse Width:** Encodes specific states such as: * Forward Direction * Reverse Direction * Air-gap warning (low signal quality) * Standstill (zero speed) --- ## 4. Pin Configuration The device is a **current-source** device, meaning it modulates the supply current to transmit data. | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | VCC | Supply Voltage (Input) | | **2** | VOUT/GND | Current Output / Return Path | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the 'RPR8' variant compared to other A19360 models?
    • ⤷ How does the two-wire current interface improve noise immunity in automotive environments?
    • ⤷ What is the recommended air-gap range for optimal sensing with this IC?