Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AC2001

  • AI
    The **AC2001** typically refers to a high-performance **2.4GHz Wireless Transceiver IC** or a specific series of AC-DC power conversion modules, depending on the manufacturer. Most commonly, in the context of modern electronics components, it refers to the **RF Transceiver** used in wireless peripherals (like mice and keyboards). Below is a breakdown of the electronic components and technical specifications associated with the AC2001 wireless chip. --- ### 1. Technical Specifications The AC2001 is designed for low-power, short-range wireless communication. | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.400 GHz to 2.4835 GHz (ISM Band) | | **Data Rate** | 1 Mbps / 2 Mbps | | **Operating Voltage** | 1.9V to 3.6V | | **Modulation** | GFSK (Gaussian Frequency Shift Keying) | | **Interface** | SPI (4-wire) | | **Power Consumption** | ~13mA (TX), ~15mA (RX), <1uA (Deep Sleep) | --- ### 2. Key Internal Electronic Blocks To function as a transceiver, the AC2001 integrates several complex circuits onto a single silicon die: #### A. Radio Frequency (RF) Front-End * **LNA (Low Noise Amplifier):** Boosts the weak incoming signal from the antenna without adding significant noise. * **PA (Power Amplifier):** Increases the strength of the signal being transmitted to reach the required range (usually up to 10 meters). * **Mixer:** Converts the high-frequency RF signal down to an Intermediate Frequency (IF) for processing. #### B. Frequency Synthesizer * **PLL (Phase-Locked Loop):** Ensures the chip stays locked onto a specific frequency channel despite temperature changes or interference. * **VCO (Voltage Controlled Oscillator):** Generates the actual 2.4GHz carrier wave. #### C. Digital Baseband * **Packet Handler:** Automatically manages headers, cyclic redundancy checks (CRC), and address matching. * **FIFO (First-In-First-Out):** Buffer memory that stores data before it is sent or after it is received to ensure smooth data flow to the host MCU. --- ### 3. Typical Application Circuit When designing a PCB with the AC2001, the following external passive components are required: 1. **Crystal Oscillator:** Usually a 12MHz or 16MHz crystal to provide a stable clock reference. 2. **Decoupling Capacitors:** Small capacitors (0.1uF and 10pF) placed near the VCC pins to filter electrical noise. 3. **Matching Network:** A combination of inductors and capacitors (LC circuit) to match the impedance of the chip output to a 50-ohm antenna. 4. **Antenna:** Can be a PCB Trace antenna or a small ceramic chip antenna. --- ### 4. Common Use Cases The AC2001 is highly specialized for HID (Human Interface Device) applications: * Wireless Computer Mice * Wireless Keyboards * Presentation Clickers * Simple Remote Controls for Smart Homes
    ✨ Follow-up Questions
    • What is the pinout configuration for the AC2001 transceiver?
    • How does GFSK modulation improve the performance of the AC2001?
    • What are the primary differences between the AC2001 and the nRF24L01?