ACV-C123-R
AI

Based on the model number, the **ACV-C123-R** typically refers to a specialized **AC Current Transducer** or a specific type of **Current Voltage Sensor**. These components are essential in industrial automation for monitoring electrical loads and converting current readings into a signal a PLC (Programmable Logic Controller) can understand.
---
## 1. Core Technical Specifications
Below are the typical electronic characteristics associated with this class of current sensors:
| Parameter | Specification |
| :--- | :--- |
| **Input Type** | AC Current (Alternating Current) |
| **Output Signal** | 4-20mA DC or 0-10V DC (Model dependent) |
| **Power Supply** | Loop-powered or 24V DC External |
| **Accuracy Class** | 0.5% to 1.0% Full Scale |
| **Response Time** | < 250ms |
| **Isolation Voltage** | 2kV - 5kV (Galvanic Isolation) |
| **Mounting** | DIN Rail or Screw Mount |
---
## 2. Key Electronic Components
The internal circuitry of the ACV-C123-R consists of three primary stages:
### A. Sensing Element (Input)
* **Current Transformer (CT):** The device contains an internal toroidal coil. As the primary wire passes through the center, it induces a secondary current proportional to the load.
* **Burden Resistor:** Converts the induced secondary current into a small AC voltage.
### B. Signal Conditioning (Processing)
* **Rectifier Bridge:** Converts the AC voltage into a pulsating DC signal.
* **Precision Op-Amps:** Filters and scales the signal to ensure linearity across the entire measurement range (e.g., ensuring 50A input maps exactly to 20mA output).
* **True RMS Converter:** (In high-end models) Ensures accurate readings even if the waveform is distorted by Variable Frequency Drives (VFDs).
### C. Output Driver
* **Transistor/Current Source:** A specialized circuit that maintains a constant current loop (4-20mA) regardless of the resistance of the wire connecting to the PLC.
---
## 3. Typical Wiring Configuration
Most "R" suffix models indicate a **Relay** output or a **Regulated** output. Below is a simplified representation of how the terminals are usually assigned:
```markdown
Terminal Block Layout:
[ 1 ] --- (+) 24V DC Power / Signal Out
[ 2 ] --- (-) Common / Signal Return
[ 3 ] --- Relay Contact (Normally Open) - If equipped
[ 4 ] --- Relay Contact (Common) - If equipped
Center Aperture:
( O ) <--- Primary AC Wire (Load) passes through here
```
---
## 4. Applications
* **Motor Overload Protection:** Detecting if a motor is drawing too much current due to a mechanical jam.
* **Heating Element Monitoring:** Ensuring that industrial heaters are functioning and not burnt out.
* **Energy Management:** Interfacing with SCADA systems to track electricity consumption in real-time.
- ⤷
What is the maximum primary current range for the ACV-C123-R?
- ⤷ Does this model support True RMS measurement for non-linear loads?
- ⤷ How do I calibrate the zero and span settings on this transducer?