Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AD5246BKS10-R2

  • AI
    The **AD5246BKS10-R2** is a specific model of a digital potentiometer (digipot) manufactured by Analog Devices. It is designed to replace mechanical potentiometers in electronic circuits for precise, automated adjustments. --- ## 1. Core Technical Specifications The model number identifies key characteristics of the device: | Feature | Specification | | :--- | :--- | | **Resistance** | 10 kΩ | | **Number of Positions** | 128 taps (7-bit resolution) | | **Interface** | I²C Serial Interface | | **Supply Voltage** | 2.7 V to 5.5 V | | **Package Type** | SC-70 (6-lead) | | **Temperature Range** | -40°C to +125°C | --- ## 2. Pin Configuration and Functions The device uses a compact 6-pin layout. Below is the typical pinout for the AD5246 series: | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **VDD** | Positive Power Supply (2.7V to 5.5V). | | 2 | **GND** | Ground. | | 3 | **SCL** | I²C Serial Clock Input. | | 4 | **SDA** | I²C Serial Data Input/Output. | | 5 | **W** | Wiper terminal (The "adjustable" part). | | 6 | **A** | High-side terminal of the resistor. | *Note: The AD5246 is a 2-terminal "rheostat" configuration device, meaning the "B" terminal is internally tied to the wiper or omitted depending on the specific internal wiring.* --- ## 3. Key Features ### I²C Control Unlike mechanical potentiometers that require a screwdriver, the AD5246 is controlled via a microcontroller (like an Arduino or STM32) using the **I²C protocol**. This allows for remote, high-speed adjustments. ### Volatile Memory This device uses **volatile memory**. When the power is turned off, the wiper position is lost. Upon power-up, the device typically resets to a mid-scale position (64th tap). ### Low Power Consumption Designed for battery-operated devices, it consumes very little current (typically less than 5 µA in static mode). --- ## 4. Common Applications * **LCD Contrast Control:** Adjusting the brightness or contrast of small displays. * **Programmable Filters:** Changing the cutoff frequency of an analog filter. * **Sensor Calibration:** Fine-tuning the gain of an operational amplifier in sensor circuits. * **Volume Control:** Digital adjustment of audio levels in low-power systems. --- ## 5. Comparison: AD5246 vs. Mechanical Potentiometer ```cpp // Example: Conceptual I2C write to change resistance Wire.beginTransmission(AD5246_ADDRESS); Wire.write(0x00); // Instruction byte Wire.write(target_tap); // Value between 0 and 127 Wire.endTransmission(); ``` | Feature | AD5246 (Digital) | Mechanical Pot | | :--- | :--- | :--- | | **Adjustment** | Software/Microcontroller | Manual/Screwdriver | | **Precision** | Repeatable (Discrete steps) | Subjective (Analog) | | **Size** | Ultra-miniature (SC-70) | Bulky | | **Durability** | High (No moving parts) | Low (Wear and Tear) |
    ✨ Follow-up Questions
    • ⤷ How does the I2C addressing work if I want to use multiple AD5246 chips on one bus?
    • ⤷ What is the difference between the 10k
    • ⤷ 50k
    • ⤷ and 100k versions of this part?
    • ⤷ Can the AD5246 be used for high-voltage AC signals?