Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AD8244BRMZ-R7

  • AI
    ## Overview of the AD8244BRMZ-R7 The **AD8244BRMZ-R7** is a precision, low power, FET-input, quad-channel unity-gain buffer manufactured by Analog Devices. It is specifically designed to handle high-impedance signals and provide isolation between a sensor and the rest of the signal chain. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Channels** | Quad (4 Independent Buffers) | | **Input Type** | FET-Input | | **Input Impedance** | $10^{13} \Omega$ (10 Teraohms) | | **Supply Voltage** | 3V to 36V (Single) / ±1.5V to ±18V (Dual) | | **Bandwidth** | 3 MHz | | **Slew Rate** | 0.8 V/µs | | **Package** | 10-lead MSOP | | **Operating Temp** | -40°C to +125°C | --- ### Core Electronic Components & Features #### 1. FET-Input Architecture The use of Field-Effect Transistors (FETs) at the input stage allows the AD8244 to have an **extremely low input bias current** (typically in the picoampere range). This is crucial when interfacing with high-impedance sources like pH sensors or photodiodes, as it prevents the buffer from "loading" the signal source and causing voltage errors. #### 2. Quad-Channel Density Unlike many precision buffers that come in single or dual packages, the AD8244 provides **four channels** in a tiny 10-lead MSOP package. This saves significant PCB real estate in multi-channel systems. #### 3. Unity-Gain Stability The device is internally compensated for **unity gain**. It acts as a "voltage follower," meaning the output voltage exactly matches the input voltage ($V_{out} = V_{in}$), but with the current capability to drive downstream components like Analog-to-Digital Converters (ADCs). #### 4. Low Power Consumption With a quiescent current of only **~250 µA per channel**, it is highly efficient for battery-powered industrial or medical instrumentation. --- ### Typical Application Circuit The AD8244 is often placed between a high-impedance sensor and an ADC to ensure signal integrity. ```text [ High-Z Sensor ] ----> [ AD8244 Input ] | (Unity Gain Buffer) | [ Low-Z ADC Input ] <--- [ AD8244 Output ] ``` ### Common Use Cases * **Photodiode Pre-amps:** Buffering small currents from light sensors. * **Medical Instrumentation:** ECG/EEG electrode buffering. * **Data Acquisition:** Multi-channel signal conditioning for industrial PLC modules. * **pH Probes:** High-impedance liquid analysis. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the AD8244 and a standard operational amplifier?
    • ⤷ How does the 'R7' suffix in the part number affect the ordering process?
    • ⤷ What layout considerations are necessary to maintain the 10 Teraohm input impedance?