AI

## Overview of AD8250ARZ-R7
The **AD8250ARZ-R7** is a high-performance, digitally programmable gain instrumentation amplifier (PGIA) manufactured by Analog Devices. It is designed for precision signal conditioning where high speed, accuracy, and software-controllable gain are required.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Gain Settings** | 1, 2, 5, 10 (Digitally Programmable) |
| **Bandwidth** | 10 MHz (at G=1) |
| **Slew Rate** | 25 V/µs |
| **Input Offset Voltage** | 100 µV (Max) |
| **CMRR** | 98 dB (Min, G=10) |
| **Settling Time** | 615 ns to 0.001% |
| **Supply Voltage Range** | ±5V to ±15V |
| **Package Type** | 8-Lead SOIC_N |
---
### Core Electronic Features
1. **Digitally Programmable Gain:**
The device features two digital input pins that allow the user to switch between four gain levels (1, 2, 5, and 10). This eliminates the need for external precision resistors and prevents gain errors caused by switch resistance.
2. **High Input Impedance:**
Utilizing a classic 3-op-amp architecture, it provides very high input impedance, ensuring minimal loading on sensors or signal sources.
3. **Fast Settling Time:**
The AD8250 is optimized for data acquisition systems. Its ability to settle to 16-bit accuracy in under 700 ns makes it ideal for multiplexed applications where the amplifier must quickly adapt to different input signals.
4. **High Common-Mode Rejection Ratio (CMRR):**
It effectively rejects common-mode noise, even at high frequencies, which is critical for maintaining signal integrity in electrically noisy industrial environments.
---
### Pin Configuration (8-Lead SOIC)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **-IN** | Inverting Input |
| 2 | **+IN** | Non-Inverting Input |
| 3 | **REF** | Reference Pin (Sets Output Offset) |
| 4 | **-Vs** | Negative Supply Voltage |
| 5 | **A0** | Gain Control Bit 0 |
| 6 | **A1** | Gain Control Bit 1 |
| 7 | **Vout** | Output Signal |
| 8 | **+Vs** | Positive Supply Voltage |
---
### Typical Applications
* **Data Acquisition Systems (DAQ):** Quickly switching between different sensor scales.
* **Medical Instrumentation:** Precision amplification for ECG/EEG signals.
* **Industrial Process Control:** Interfacing with pressure and temperature sensors.
* **Automatic Test Equipment (ATE):** High-speed signal conditioning.
- ⤷
How do the digital gain control bits (A0
- ⤷ A1) map to the specific gain levels?
- ⤷ What is the significance of the 'R7' suffix in the part number?
- ⤷ Can the AD8250 operate on a single-ended power supply?