AD8555ACPZ-R2
AI

The **AD8555ACPZ-R2** is a high-precision, zero-drift instrumentation amplifier manufactured by Analog Devices. It is specifically designed for sensor signal conditioning, such as bridge sensors and pressure transducers.
---
### 1. Key Specifications
The following table highlights the core technical parameters of the AD8555ACPZ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | Zero-Drift (Auto-Zeroing) |
| **Gain Range** | 70 to 1,280 (Digitally Programmable) |
| **Input Offset Voltage** | 10 µV (Maximum) |
| **Offset Drift** | 0.05 µV/°C |
| **Operating Voltage** | 2.7 V to 5.5 V |
| **Package** | 16-Lead LFCSP (3mm x 3mm) |
| **Output Type** | Rail-to-Rail |
---
### 2. Core Functional Features
#### A. Digital Programmability
Unlike traditional instrumentation amplifiers that require external resistors to set gain, the AD8555 uses **DigiTrim®** technology. This allows the user to program:
* **Gain:** Adjustable via a serial interface.
* **Output Offset:** The output level can be shifted to match the input range of an ADC.
#### B. Zero-Drift Technology
The internal "chopper" or auto-zeroing architecture continuously corrects for offset voltage and 1/f noise (flicker noise). This ensures high DC precision even across wide temperature fluctuations.
#### C. Fault Detection and Filtering
* **Open/Short Detection:** It includes circuitry to detect if sensor wires are broken.
* **Low-Pass Filter:** It features an integrated pin for adding an external capacitor to create a low-pass filter, reducing high-frequency noise before the signal reaches the ADC.
---
### 3. Application Use Cases
Because of its high gain and low drift, it is commonly used in:
1. **Automotive Sensors:** Pressure sensing in transmissions and braking systems.
2. **Industrial Process Control:** Strain gauge measurements and weight scales.
3. **Medical Instrumentation:** Precision monitoring devices requiring low noise.
---
### 4. Typical Connection Diagram (Pseudo-Code Representation)
The device is controlled via a simple serial pulse interface on the `V_DIG` pin.
```c
// Example logic for programming gain (conceptual)
void set_gain(int pulses) {
for(int i = 0; i < pulses; i++) {
digitalWrite(VDIG_PIN, HIGH);
delayMicroseconds(10);
digitalWrite(VDIG_PIN, LOW);
delayMicroseconds(10);
}
// Permanent blow of polyfuse happens after programming is finalized
}
```
- ⤷How does the DigiTrim technology differ from standard digital potentiometers?
- ⤷ What are the specific pin functions of the 16-lead LFCSP package?
- ⤷ Can the AD8555 be used with a dual-polarity power supply?