Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ADA4077-2ARZ-R7

  • AI
    The **ADA4077-2ARZ-R7** is a high-precision, dual-channel operational amplifier (op-amp) manufactured by Analog Devices. It is widely recognized for its extremely low offset voltage, low drift, and low noise, making it ideal for high-accuracy sensor signal conditioning and industrial instrumentation. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Dual)** | ±2.5V to ±15V | | **Supply Voltage (Single)** | 5V to 30V | | **Offset Voltage ($V_{os}$)** | 25 µV (typical) | | **Offset Drift** | 0.25 µV/°C (maximum) | | **Gain Bandwidth Product** | 4 MHz | | **Slew Rate** | 1.2 V/µs | | **Input Bias Current** | 1.0 nA (typical) | | **Package / Case** | SOIC-8 (N) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific information about the packaging and grade: * **ADA4077**: The base model family (Precision Op-Amp). * **-2**: Indicates the number of amplifiers in the package (2 = Dual). * **A**: Refers to the performance grade (standard precision). * **RZ**: Indicates the package type (SOIC) and RoHS compliance (Lead-free). * **R7**: Refers to the tape and reel packaging (specifically a 7-inch reel). --- ### 3. Functional Advantages * **High DC Precision:** The very low input offset voltage and temperature drift minimize errors in DC measurement systems without needing manual calibration. * **Low Noise:** With a voltage noise density of approximately **7 nV/√Hz**, it is suitable for amplifying small signals from transducers. * **Robustness:** It features integrated protection for electrostatic discharge (ESD) and can operate across a wide industrial temperature range (-40°C to +125°C). --- ### 4. Typical Applications The ADA4077-2 is commonly used in: 1. **Process Control:** PLC (Programmable Logic Controller) analog input modules. 2. **Medical Instrumentation:** Precision ECG or blood pressure monitoring equipment. 3. **Sensor Interfaces:** Weigh scales, strain gauges, and thermocouple amplifiers. 4. **Precision Filters:** Active low-pass or band-pass filters in data acquisition systems. --- ### 5. Connection Diagram (SOIC-8) ```text SOIC-8 Top View +---u---+ OUT A | 1 8 | V+ -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B V- | 4 5 | +IN B +-------+ ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4077-2 and the ADA4077-4?
    • ⤷ How does the power consumption of this op-amp compare to low-power alternatives?
    • ⤷ Can you explain how the CMRR (Common-Mode Rejection Ratio) affects its performance in industrial environments?