ADP160ACBZ-3.3-R7
AI

## Overview of ADP160ACBZ-3.3-R7
The **ADP160ACBZ-3.3-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by **Analog Devices**. It is specifically designed for portable and wireless applications where battery life and space are critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Output Voltage (Fixed)** | 3.3V |
| **Maximum Output Current** | 150 mA |
| **Dropout Voltage** | 60 mV at 150 mA load |
| **Quiescent Current ($I_q$)** | 560 nA (with no load) |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Electronic Components & Architecture
The internal circuitry of the ADP160 is optimized for efficiency and stability. Key internal "parts" include:
1. **PMOS Pass Element:** Acts as the main power transistor. Its low "ON" resistance allows for a very low dropout voltage, meaning the regulator can maintain 3.3V even when the input voltage is only slightly higher (approx. 3.36V).
2. **Low-Power Bandgap Reference:** Provides a stable reference voltage used to compare against the output to ensure accuracy.
3. **Error Amplifier:** Constantly adjusts the gate of the PMOS transistor to keep the output voltage steady despite changes in load or input.
4. **Soft Start Circuitry:** Limits the inrush current during startup to protect the battery and the device.
5. **Shutdown Logic:** Features an "Enable" (EN) pin. When pulled low, it reduces the current consumption to less than 50 nA.
---
### 3. Application Use Cases
Because of its tiny footprint and extremely low power draw, this part is commonly found in:
* **IoT Sensors:** Devices that spend most of their time in sleep mode.
* **Wearables:** Smartwatches and fitness trackers.
* **Mobile Handsets:** For powering specific low-power sub-systems.
* **Remote Controls:** Ensuring long shelf-life for batteries.
---
### 4. Implementation Circuit
A typical circuit for this LDO requires very few external components:
```c
// Typical Schematic Connection
[Input Source] ----> [VIN Pin] ---- [VOUT Pin] ----> [System Load (3.3V)]
| |
[0.1uF Capacitor] [1uF Capacitor]
| |
[GND] [GND]
```
* **Input Capacitor ($C_{IN}$):** A 0.1 µF ceramic capacitor is recommended to improve transient response.
* **Output Capacitor ($C_{OUT}$):** A 1 µF ceramic capacitor is required for stability.
- ⤷
What are the differences between the ADP160 and the ADP161 series?
- ⤷ How does the ultra-low quiescent current impact battery life calculations?
- ⤷ Are there alternative packages available if I cannot use WLCSP?