Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ADP166ACPZN-2.3-R7

  • AI
    The **ADP166ACPZN-2.3-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-powered applications where power conservation is critical. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage (Fixed)** | 2.3 V | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Maximum Output Current** | 150 mA | | **Quiescent Current ($I_q$)** | 615 nA (No Load) | | **Dropout Voltage** | 120 mV @ 150 mA | | **Package Type** | LFCSP (6-Lead, 2mm x 2mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP166 consists of several critical electronic stages: 1. **Ultra-Low Power Reference:** A specialized bandgap reference designed to provide a stable 2.3V output while consuming less than 1 microampere of current. 2. **Error Amplifier:** Compares the output voltage to the internal reference and adjusts the pass transistor to maintain regulation. 3. **PMOS Pass Transistor:** Acts as the variable resistance element. The use of a PMOS transistor allows for the "Low Dropout" capability, as it can operate with very little voltage difference between input and output. 4. **Control Logic (Enable Pin):** Includes a shutdown circuit that reduces the current consumption to less than 50 nA when the device is disabled. --- ### 3. Application Use Cases Because of its extremely low power consumption, this part is typically used in: * **Wearable Devices:** Smartwatches and fitness trackers. * **IoT Sensors:** Remote sensors that must last for years on a single coin-cell battery. * **Medical Portables:** Heart rate monitors or glucose meters. * **Keep-Alive Power:** Providing power to Real-Time Clocks (RTC) or memory during system sleep modes. --- ### 4. Part Number Breakdown The nomenclature `ADP166ACPZN-2.3-R7` provides specific details: * **ADP166:** The base series/model number. * **ACPZ:** Indicates the package type (LFCSP) and RoHS compliance (Lead-free). * **N:** Reserved for specific manufacturing variants. * **2.3:** The fixed output voltage (2.3 Volts). * **R7:** Packaging format (7-inch reel, containing 3,000 units). --- ### 5. Implementation Circuit (Basic) ```text Input (2.2V - 5.5V) ----[ VIN ]-------[ VOUT ]---- Output (2.3V) | | [C_in: 1uF] [C_out: 1uF] | | GND --------------------[ GND ]-------[ GND ]----- GND | Enable Pin ------------- [ EN ] ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using an LDO over a switching regulator for 2.3V outputs?
    • ⤷ How does the 615 nA quiescent current impact battery life in a typical IoT device?
    • ⤷ Are there adjustable output versions of the ADP166 series?