Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ADP2164ACPZ-3.3-R7

  • AI
    ## Overview of ADP2164ACPZ-3.3-R7 The **ADP2164ACPZ-3.3-R7** is a high-efficiency, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed to provide high current output in a compact form factor, making it ideal for point-of-load applications where board space is limited. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.7 V to 6.5 V | | **Output Voltage (Fixed)** | 3.3 V | | **Output Current** | Up to 4 A | | **Switching Frequency** | 600 kHz to 1.2 MHz (Adjustable/Sync) | | **Efficiency** | Up to 96% | | **Package** | 16-lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | −40°C to +125°C | --- ### Core Electronic Features 1. **Internal Power MOSFETs**: It integrates low Rds(on) high-side and low-side N-channel MOSFETs. This reduces the number of external components and improves thermal performance. 2. **Synchronous Rectification**: By using a synchronous switch instead of a Schottky diode, the device minimizes power loss during the conduction cycle, which is critical for high-current (4A) outputs. 3. **Frequency Synchronization**: The device can be synchronized to an external clock or operated at a fixed frequency. This allows designers to manage electromagnetic interference (EMI) by shifting the switching noise out of sensitive frequency bands. 4. **Protection Circuitry**: - **Overcurrent Protection (OCP):** Prevents damage during short circuits. - **Thermal Shutdown:** Powers down the chip if the junction temperature exceeds safe limits. - **Undervoltage Lockout (UVLO):** Ensures the device only operates when the input voltage is stable. --- ### Typical Application Circuit (Example) ```python # Conceptual Pin Mapping for Schematic Design # ------------------------------------------- # VIN -> Connect to Input Capacitor (10uF - 22uF) # VOUT -> Connect to Output Inductor (0.47uH - 1.5uH) # PGND -> Power Ground # EN -> Enable Pin (High = On) # PGOOD -> Power Good Indicator (Open Drain) # SYNC -> Frequency Sync / Mode Select ``` --- ### Advantages and Use Cases * **High Power Density:** Delivers 4A from a tiny 3mm x 3mm package. * **Fixed Output Stability:** The 3.3V version eliminates the need for external feedback resistors, reducing the "BOM" (Bill of Materials) count and improving accuracy. * **Applications:** * Communications infrastructure (Routers, Switches). * High-end medical imaging systems. * FPGA, ASIC, and DSP core power supplies. * Industrial automation equipment.
    ✨ Follow-up Questions
    • ⤷How does the thermal management of the LFCSP package affect PCB design?
    • ⤷ What is the difference between the fixed 3.3V version and the adjustable version of the ADP2164?
    • ⤷ What are the recommended inductor values for a 4A load at 1.2MHz?