Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ADP7102ACPZ-R7

  • AI
    ## Detailed Technical Overview: ADP7102ACPZ-R7 The **ADP7102ACPZ-R7** is a high-performance, low-dropout (LDO) linear regulator produced by Analog Devices. It is specifically designed to provide high output accuracy and low noise for sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 3.3 V to 20 V | | **Output Current** | Up to 300 mA | | **Dropout Voltage** | 200 mV (typical at 300 mA load) | | **Output Voltage Options** | Adjustable (1.22 V to 19 V) or Fixed | | **PSRR** | > 60 dB at 10 kHz; 40 dB at 1 MHz | | **Operating Temperature** | −40°C to +125°C | | **Package Type** | 8-lead LFCSP (3 mm × 3 mm) | --- ### 2. Functional Electronic Parts & Features The internal architecture of the ADP7102 includes several critical components that ensure stability and protection: * **Precision Reference:** It uses a high-accuracy internal reference to maintain an output tolerance of ±1% over line, load, and temperature variations. * **Error Amplifier:** Compares the feedback voltage with the internal reference to adjust the pass transistor (PMOS). * **Soft Start Capability:** Reduces inrush current during startup, protecting the preceding power stages. * **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safety limits. * **Current Limit Protection:** Prevents damage during short-circuit conditions. * **Reverse Current Protection:** Protects the internal PMOS if the output voltage becomes higher than the input voltage. --- ### 3. Application Circuits To operate the ADP7102 effectively, minimal external components are required. A typical setup involves small ceramic capacitors for stability. #### Example Configuration (Adjustable Output) ```python # Component Selection Guide Input_Capacitor = "1uF Ceramic (X5R or X7R)" Output_Capacitor = "1uF Ceramic (Low ESR is critical)" Resistor_Divider = "Used to set V_out = 1.22V * (1 + R1/R2)" ``` --- ### 4. Typical Applications * Regulation to noise-sensitive applications (ADC, DAC, Precision Amplifiers). * Communications and Infrastructure. * Medical and Healthcare equipment. * Industrial and Instrumentation.
    ✨ Follow-up Questions
    • ⤷ How does the PSRR performance of the ADP7102 compare to other LDOs in its class?
    • ⤷ What are the specific layout recommendations for the 8-lead LFCSP package to manage heat?
    • ⤷ Can the ADP7102 be used in parallel to increase the output current?