AI

## Technical Overview of the ADP7182ACPZ-R7
The **ADP7182ACPZ-R7** is a high-performance, low dropout (LDO) linear regulator produced by Analog Devices. It is specifically designed to provide a stable negative voltage output with exceptionally low noise, making it ideal for high-precision analog and RF applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | -2.7 V to -28 V |
| **Output Voltage Range** | Fixed or Adjustable (-1.22 V to -V_IN + V_DO) |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | -185 mV (typical at 200 mA load) |
| **PSRR (Power Supply Rejection Ratio)** | 66 dB at 10 kHz; 45 dB at 1 MHz |
| **Output Noise** | 18 μV rms (10 Hz to 100 kHz) |
| **Package Type** | LFCSP (6-Lead, 2mm x 2mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Features
* **Low Noise Performance:** The regulator is engineered to minimize 1/f noise and wideband noise. This is critical for powering sensitive components like ADCs, DACs, and operational amplifiers.
* **High PSRR:** It effectively filters out ripples from switching power supplies, ensuring a clean DC output.
* **Precision Accuracy:** It maintains ±1% initial accuracy and ±2% accuracy over line, load, and temperature variations.
* **Stability:** It is stable with small, low-ESR ceramic capacitors (2.2 μF minimum), which helps save PCB space.
* **Protection Circuitry:** Includes internal thermal overload protection and current-limit protection to prevent damage during fault conditions.
---
### 3. Pin Configuration (LFCSP Package)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated Negative Output Voltage. |
| 2 | **ADJ/NC** | Adjust Pin (for adjustable version) or No Connect (for fixed version). |
| 3 | **GND** | Ground Reference. |
| 4 | **EN** | Enable Input. Drive high (toward GND) to enable; drive low (toward VIN) to shut down. |
| 5 | **VIN** | Negative Supply Input Voltages. |
| 6 | **VOUT** | Regulated Negative Output Voltage (connected to Pin 1). |
| **EP** | **Exposed Pad** | Should be connected to GND for thermal dissipation. |
---
### 4. Typical Application Areas
The ADP7182 is commonly used in environments where negative voltage rails are required with minimal interference:
* **Industrial Automation:** Precision instrumentation and data acquisition systems.
* **Communications:** Powering RF amplifiers and base station components.
* **Medical Imaging:** Low-noise power for ultrasound and MRI signal processing.
* **Negative Bias Supplies:** Providing bias voltages for GaAs FETs and optical modules.
---
### 5. Implementation Code Snippet (Calculation)
When using the **Adjustable Version**, the output voltage is determined by an external resistor divider ($R_1$ and $R_2$):
```python
# Simple Python calculation for ADP7182 Adjustable Output
def calculate_v_out(r1, r2):
v_ref = -1.22 # Internal reference voltage
# Vout = Vref * (1 + R1/R2)
v_out = v_ref * (1 + (r1 / r2))
return round(v_out, 2)
# Example: R1 = 30.1k, R2 = 10k
print(f"Calculated Negative Output: {calculate_v_out(30100, 10000)}V")
```
- ⤷What is the difference between the fixed and adjustable versions of the ADP7182?
- ⤷ How does the Enable (EN) pin logic work for a negative regulator?
- ⤷ What are the recommended thermal considerations for the LFCSP package?