ADP8860ACBZ-R7
AI

## Overview of the ADP8860ACBZ-R7
The **ADP8860ACBZ-R7** is a sophisticated **Charge Pump LED Driver** manufactured by Analog Devices. It is specifically designed to manage power for multiple LEDs (up to 7) while offering advanced programmable features via an $I^2C$ interface.
---
### Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Package Type** | WLCSP-20 (Wafer Level Chip Scale Package) |
| **Output Current** | Up to 30mA per LED channel |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Number of Channels** | 7 Independent Channels |
| **Interface** | $I^2C$ Compatible |
| **Switching Frequency** | 1.0 MHz |
---
### Key Electronic Components & Internal Blocks
The internal architecture of the ADP8860 consists of several critical stages:
1. **Charge Pump (DC-DC Converter):**
The heart of the chip is a multi-mode charge pump (1x, 1.5x, 2x). It automatically switches gain based on the input voltage and the required LED forward voltage to maximize efficiency.
2. **Current Sinks:**
The device contains 7 independent current sinks. These regulate the current flowing through each LED to ensure uniform brightness regardless of manufacturing variances in the LEDs.
3. **Digital Control Logic ($I^2C$):**
This allows a microcontroller to program:
* Individual LED brightness (Current levels).
* Fade-in and Fade-out timers.
* Grouping of LEDs (e.g., Backlight vs. Indicator).
4. **Protection Circuitry:**
* **Overvoltage Protection (OVP):** Prevents damage if an LED fails open-circuit.
* **Thermal Shutdown:** Protects the IC from overheating.
* **Soft Start:** Limits inrush current during startup.
---
### Typical Application Circuit
To function, the ADP8860 requires a few external passive components. Below is a representation of the typical setup:
```mermaid
graph LR
Vin[Power Supply 2.5-5.5V] --> ADP[ADP8860 IC]
C1[Flying Cap 1] <--> ADP
C2[Flying Cap 2] <--> ADP
Cin[Input Cap] --- Vin
Cout[Output Cap] --- ADP
ADP --> LED1[LED 1]
ADP --> LED2[LED 2]
ADP --> LEDn[LED 7]
MCU[Microcontroller] -- I2C --> ADP
```
---
### Use Cases
* **Mobile Handsets:** Driving display backlights and keypad LEDs.
* **Portable Devices:** Smartwatches and fitness trackers.
* **Indicators:** RGB status signaling where smooth transitions (fading) are required without heavy CPU overhead.
- ⤷What are the specific register settings for programming the fade-in/fade-out feature?
- ⤷ How does the ADP8860 compare to a standard inductor-based boost LED driver?
- ⤷ What is the physical footprint size of the WLCSP-20 package?