Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ADUCM4050BCBZ-R7

  • AI
    The **ADUCM4050BCBZ-R7** is an ultra-low-power integrated microcontroller system designed specifically for Internet of Things (IoT) applications where battery life and security are critical. It is manufactured by Analog Devices. --- ### 1. Core Technical Specifications The device is built around the ARM® Cortex®-M4F processor, which includes a Floating Point Unit (FPU) to handle complex sensor data calculations efficiently. | Feature | Specification | | :--- | :--- | | **Processor** | ARM® Cortex®-M4F (up to 52 MHz) | | **Flash Memory** | 512 KB | | **SRAM** | 128 KB (with ECC) | | **Package** | 72-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Voltage** | 1.74V to 3.6V | | **Active Current** | < 40 μA/MHz | | **Hibernation Current** | ~650 nA (with RTC and SRAM retention) | --- ### 2. Key Internal Components The ADUCM4050 is more than just a CPU; it integrates several specialized blocks: #### A. Power Management Unit (PMU) The chip features an integrated buck converter and LDO regulators. This allows it to manage power dynamically based on the workload, significantly extending battery life in coin-cell operated devices. #### B. Security Subsystem Security is a hardware-level priority in this chip: * **AES 128/256:** Hardware acceleration for encryption. * **SHA-256:** For data integrity and authentication. * **TRNG:** True Random Number Generator. * **Protected Key Storage:** Safeguards cryptographic keys. #### C. Sensor Interface (Analog/Digital) * **12-bit ADC:** A high-speed, multi-channel Analog-to-Digital Converter for reading sensor voltages. * **Digital Peripherals:** Includes 3x SPI, 1x I2C, 2x UART, and 44 GPIO pins. * **SensorStrobe™:** A unique feature that allows the MCU to trigger external sensors and collect data while the main CPU is in sleep mode. --- ### 3. Application Use Cases Due to its low power consumption and small physical footprint, this part is commonly used in: 1. **Wearable Health Monitors:** Heart rate and activity tracking. 2. **Smart Industrial Sensors:** Vibration and temperature monitoring in factories. 3. **Smart Agriculture:** Soil moisture and environmental sensors. 4. **Smart City Infrastructure:** Low-power wireless nodes for parking or lighting. --- ### 4. Package Design (WLCSP) The **"BCBZ"** suffix indicates a **Wafer Level Chip Scale Package**. This is extremely small, roughly the size of the silicon die itself. * **Pros:** Minimal PCB footprint, ideal for tiny wearables. * **Cons:** Requires high-precision SMT (Surface Mount Technology) assembly and can be difficult to rework manually.
    ✨ Follow-up Questions
    • ⤷ How does the SensorStrobe feature reduce total system power consumption?
    • ⤷ What are the primary differences between the ADUCM4050 and the ADUCM3029?
    • ⤷ What development tools or IDEs are recommended for this microcontroller?