Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AHC30-R33M-RC

  • AI
    The **AHC30-R33M-RC** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules. It belongs to a category of "molded" inductors designed for high efficiency and compact footprints. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | The "R33" indicates a low inductance value. | | **Tolerance** | ±20% | Indicated by the "M" suffix. | | **DCR (Direct Current Resistance)** | ~0.8 - 1.2 mΩ | Very low resistance to minimize power loss. | | **Saturation Current ($I_{sat}$)** | ~30A - 50A | The current at which inductance drops by a specific %. | | **Heat Rating Current ($I_{rms}$)** | ~25A - 35A | The current that causes a 40°C temperature rise. | | **Operating Temperature** | -40°C to +125°C | Standard industrial/automotive range. | --- ### 2. Component Composition This specific series is usually constructed using **Metal Composite** technology: * **Core Material:** Carbonyl iron powder or a specialized metallic alloy. This allows for a "soft" saturation characteristic (it doesn't lose inductance abruptly when current spikes). * **Winding:** Heavy-gauge flat or round copper wire to handle high amperage with minimal resistive heating. * **Shielding:** Magnetic shielding is built into the molded body to minimize Electromagnetic Interference (EMI) with neighboring components. --- ### 3. Key Features * **Low Profile:** Designed for slim electronic devices like laptops and servers. * **High Frequency Performance:** Optimized for switching frequencies ranging from 500kHz to over 2MHz. * **RoHS Compliant:** The "RC" suffix usually stands for RoHS Compliant. * **Low Acoustic Noise:** The molded construction reduces the physical vibration of the coil (buzzing) during high-frequency operation. --- ### 4. Common Applications Due to its high current handling and small size, it is typically found in: 1. **Motherboards & Servers:** CPU/GPU core power supplies (Vcore). 2. **Point of Load (POL) Converters:** Step-down regulators for FPGAs and ASICs. 3. **High-density Battery Chargers:** Fast-charging circuits in portable electronics. 4. **Automotive Infotainment:** Powering onboard displays and processing units. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the AHC30 package?
    • ⤷ How does 'soft saturation' in metal composite inductors differ from ferrite cores?
    • ⤷ What is the equivalent part from competitors like Vishay or Bourns?