ALR-613-R
AI

The **ALR-613-R** is a high-performance **RFID Antenna** designed specifically for ruggedized industrial environments and long-range tracking applications. It is a circular polarized antenna, which makes it highly effective at reading tags regardless of their orientation.
---
### 1. Key Technical Specifications
The following table highlights the core electronic and physical attributes of the ALR-613-R:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 865 - 928 MHz (Global/Broadband) |
| **Gain** | 6.0 dBiC (Circular) |
| **Polarization** | Circular (Right Hand or Left Hand available) |
| **Beamwidth** | 80° x 80° (Wide Coverage) |
| **VSWR** | ≤ 1.3:1 (Voltage Standing Wave Ratio) |
| **Input Impedance** | 50 Ohms |
| **Connector Type** | N-Type Female |
| **IP Rating** | IP67 (Dust/Waterproof) |
---
### 2. Core Electronic Components & Design
#### A. Circular Polarization (6.0 dBiC)
Unlike linear antennas, the ALR-613-R uses circular polarization. This electronic design allows the antenna to emit a "spiraling" electromagnetic wave. This is critical for logistics because it ensures that an RFID tag can be read whether it is positioned vertically, horizontally, or diagonally.
#### B. Broadband Frequency Support
The antenna is engineered to operate across the full UHF RFID spectrum (865-928 MHz). This allows a single hardware unit to be deployed globally, complying with both FCC (North America) and ETSI (Europe) regulations without requiring different internal components.
#### C. Low VSWR (Voltage Standing Wave Ratio)
The internal impedance matching is tuned to a VSWR of 1.3:1. This electronic efficiency means that very little power is reflected back to the reader, maximizing the energy transmitted to the RFID tags and extending the read range (typically up to 6-9 meters depending on the reader power).
#### D. Ruggedized Housing
The internal circuitry is protected by a heavy-duty radome (outer shell). The **IP67 rating** indicates that the electronic connections are sealed against immersion in water and are completely dust-tight, making it suitable for outdoor or warehouse dock-door installations.
---
### 3. Connection & Integration
The antenna typically connects to an RFID Reader (like the Alien ALR-F800) using a high-quality coaxial cable.
```bash
[RFID Reader] <----(Coaxial Cable)----> [N-Type Connector] <---- [ALR-613-R Antenna]
```
---
- ⤷
What is the maximum read range of the ALR-613-R in an outdoor environment?
- ⤷ Does this antenna require a specific type of coaxial cable for optimal performance?
- ⤷ How does circular polarization compare to linear polarization in terms of tag signal strength?