Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AM1D-0505D-RZ

  • AI
    ### Technical Overview: AM1D-0505D-RZ The **AM1D-0505D-RZ** is a high-performance, miniature DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power in a compact package, commonly used for noise reduction and voltage level shifting in industrial and consumer electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 5.5V (Nominal 5V) | | **Output Voltage** | ±5V (Dual Output) | | **Max Output Current** | ±100mA | | **Isolation Voltage** | 1000 VDC | | **Package Type** | DIP7 (Dual Inline Package) | | **Efficiency** | ~72% (typical) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components and Pinout The device functions as a "fixed input" unregulated converter. It consists of an internal oscillator, a transformer for galvanic isolation, and dual rectifying circuits for the positive and negative rails. #### Pin Configuration (DIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage (Ground) | | 2 | +Vin | Positive Input Voltage (+5V) | | 4 | Common | Zero Volt Common (Center Tap) | | 5 | -Vout | Negative Output (-5V) | | 7 | +Vout | Positive Output (+5V) | --- ### 3. Application Use-Cases * **Operational Amplifiers:** Providing symmetrical ±5V rails for precision analog circuits from a single 5V USB or logic supply. * **Ground Loop Elimination:** Isolating sensitive sensor data from noisy digital power planes. * **RS-232/RS-485 Communication:** Powering isolated interface transceivers. --- ### 4. Circuit Implementation Example To ensure stable operation and meet EMI standards, external capacitors are recommended at the input and output. ```c // Typical Schematic Layout [Source 5V] ----+---- [Pin 2: +Vin] [Pin 7: +Vout] ----> +5V (Analog) | | [C1] (Input Cap) [C2] (Output Cap) | | [Ground] -------+---- [Pin 1: -Vin] [Pin 4: Common] ----> 0V (Analog) | [C3] (Output Cap) | [Pin 5: -Vout] ----> -5V (Analog) ``` --- ### 5. Important Design Considerations 1. **Load Regulation:** As this is an unregulated converter, the output voltage may fluctuate if the load is less than 10% of the rated current. 2. **Heat Dissipation:** Ensure adequate airflow if operating at the upper limit of the temperature range (85°C). 3. **Filtering:** Adding a small inductor (LC filter) at the input can significantly reduce reflected ripple current.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'RZ' and 'NZ' suffixes in Aimtec converters?
    • ⤷ Can this converter be used with a 3.3V input voltage?
    • ⤷ How do I calculate the required capacitance for the output filter?