AI

### AM25LS163: 4-Bit Synchronous Binary Counter
The **AM25LS163** is a high-speed, 4-bit synchronous binary counter belonging to the Low-Power Schottky (LS) family. It is functionally equivalent to the standard 74LS163 but often manufactured with Advanced Micro Devices (AMD) proprietary processes to offer better performance or reliability.
---
### 1. Key Features and Specifications
This integrated circuit (IC) is designed for high-performance counting applications where synchronization is critical.
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | Low-Power Schottky (LS) |
| **Counter Type** | Binary (4-Bit) |
| **Synchronous** | Yes (All changes occur on the positive clock edge) |
| **Operating Voltage ($V_{CC}$)** | 4.75V to 5.25V |
| **Package Types** | DIP, SOIC, PLCC |
| **Clock Frequency** | Typically 25MHz to 35MHz |
| **Clear Function** | Synchronous Clear |
---
### 2. Pin Configuration and Functions
The AM25LS163 usually comes in a 16-pin package. Below is the functional breakdown of the pins:
| Pin Name | Description | Function |
| :--- | :--- | :--- |
| **CLK** | Clock Input | Triggers on the Low-to-High (positive) transition. |
| **P0 - P3** | Parallel Data Inputs | Used to preset the counter to a specific value. |
| **PE** | Parallel Enable | When LOW, data at P0-P3 is loaded on the next clock edge. |
| **CEP / CET** | Count Enables | Both must be HIGH for the counter to increment. |
| **SRCLR** | Synchronous Clear | When LOW, the counter resets to 0000 on the next clock edge. |
| **Q0 - Q3** | Data Outputs | The current 4-bit count value. |
| **TC** | Terminal Count | Goes HIGH when the count reaches 15 (1111). |
---
### 3. Core Logic Operations
#### A. Synchronous Reset
Unlike the 74LS161 (which has an asynchronous reset), the **AM25LS163** resets only when the Clock signal transitions from Low to High while the `SRCLR` pin is held Low. This prevents "glitches" in complex timing circuits.
#### B. Look-Ahead Carry
The IC features internal look-ahead carry logic. By using the **TC** (Terminal Count) and **CET** (Count Enable Trickle) pins, multiple AM25LS163 units can be cascaded to create 8-bit, 16-bit, or larger counters without significant propagation delays.
#### C. Loading Data
To start counting from a specific number (e.g., counting from 5 to 15):
1. Apply the binary value (0101) to pins **P0-P3**.
2. Pull the **PE** (Parallel Enable) pin LOW.
3. On the next clock pulse, **Q0-Q3** will become 0101.
---
### 4. Logic Diagram Representation
```text
+---U---+
SRCLR |1 16| VCC
CLK |2 15| TC (RCO)
P0 |3 14| Q0
P1 |4 13| Q1
P2 |5 12| Q2
P3 |6 11| Q3
CEP |7 10| CET
GND |8 9| PE
+-------+
```
---
### 5. Applications
* **Digital Clock Cycles:** Generating timing sequences for microprocessors.
* **Frequency Dividers:** Dividing a master clock by a factor of 2, 4, 8, or 16.
* **Program Counters:** Maintaining the address of the next instruction in simple CPU architectures.
* **State Machines:** Transitioning through a fixed sequence of binary states.
- ⤷
What is the difference between synchronous and asynchronous clear in the 163 vs 161 series?
- ⤷ How do you cascade two AM25LS163 chips to create an 8-bit counter?
- ⤷ What are the power consumption characteristics of the Low-Power Schottky (LS) family?