Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AM25LS2520XCB

  • AI
    The **AM25LS2520XCB** is a high-performance integrated circuit (IC) belonging to the Low-Power Schottky (LS) TTL family. It is specifically a **Ten-Bit Registered Priority Encoder** or specialized Register file component, historically manufactured by Advanced Micro Devices (AMD). ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Package Type** | XCB (Often refers to a specific Ceramic Leadless Chip Carrier or Flatpack) | | **Bit Width** | 10-Bit | | **Function** | Register with Three-State Outputs | | **Operating Voltage** | 5V Typical (TTL Standard) | | **Technology** | Bipolar | --- ### 2. Functional Components The device integrates several digital logic blocks into a single package: * **D-Type Flip-Flops:** It contains ten flip-flops capable of storing 10 bits of data simultaneously. * **Three-State Outputs:** The outputs can be set to a high-impedance state (High-Z), allowing multiple devices to share a single data bus without interference. * **Clock Enable:** It usually features a gated clock or an enable pin to control when data is latched into the registers. * **Priority Logic:** In specific configurations of the 25LS series, these chips are used to handle priority encoding, ensuring the most significant bit is processed first in interrupt-driven systems. --- ### 3. Pinout and Signal Overview While specific pin numbers depend on the package (XCB), the functional signals generally include: 1. **D0 - D9:** Data Inputs (10 bits). 2. **Q0 - Q9:** Registered Data Outputs. 3. **CP (Clock Pulse):** Synchronizes the loading of data. 4. **OE (Output Enable):** Controls the three-state buffer; when high, outputs are disconnected. 5. **VCC/GND:** Power supply pins (5V and Ground). --- ### 4. Common Applications Due to its high speed and 10-bit width, the AM25LS2520XCB was widely used in: * **Bus-Organized Systems:** Interfacing microprocessors with peripheral data buses. * **Digital Signal Processing (DSP):** Acting as a high-speed buffer for data samples. * **Legacy Computing:** Found in military and industrial computers from the 1980s and 90s requiring high reliability (Ceramic packaging). --- ### 5. Part Number Breakdown * **AM:** Advanced Micro Devices (Manufacturer). * **25LS:** Low-Power Schottky family with proprietary AMD enhancements. * **2520:** Functional device code (10-Bit Register). * **XCB:** Package and Temperature grade (X usually denotes high-reliability/military screening; CB denotes the physical package style).
    ✨ Follow-up Questions
    • What are the modern functional equivalents to the AM25LS2520?
    • How does the 'Low-Power Schottky' technology compare to modern CMOS?
    • Can this IC be used in a 3.3V logic system?