Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AM2D-0512D-RZ

  • AI
    ### Overview of the AM2D-0512D-RZ The **AM2D-0512D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D series, which features 2-watt regulated output power in a compact SIP7 package. This specific model is designed to convert a 5V input into a dual 12V output. --- ### Technical Specifications The following table outlines the core electronic parameters for this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 5.5V (Nominal 5V) | | **Output Voltage** | Dual ±12V DC | | **Output Current** | ±83 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Package Type** | SIP7 (Single In-line Package) | | **Efficiency** | ~78% to 82% | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic Features 1. **Dual Output:** Unlike single-output converters, the "D" in the part number indicates a dual output (±12V). This is essential for powering operational amplifiers (Op-Amps) or analog circuits that require a positive and negative rail relative to a common ground. 2. **Regulation:** This model is **regulated**. This means the output voltage remains stable despite fluctuations in the input voltage or changes in the load, providing a clean power source for sensitive electronics. 3. **Galvanic Isolation:** It provides 1000V DC isolation between the input and output circuits. This protects sensitive logic-side components from high-voltage spikes on the output side and breaks ground loops. 4. **Short Circuit Protection:** It includes continuous short-circuit protection, which prevents the device from burning out if a fault occurs in the downstream circuit. --- ### Pin Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +V Input | Positive supply voltage (5V) | | 2 | -V Input | Negative supply (Ground) | | 4 | +V Output | +12V DC Output | | 5 | Common | 0V (Common Ground for outputs) | | 6 | -V Output | -12V DC Output | --- ### Common Applications * **Industrial Controls:** Powering sensors and actuators that require bipolar voltages. * **Analog Circuits:** Specifically useful for powering audio equipment, DACs, and ADCs. * **Data Acquisition:** Used in systems where signal integrity is critical and noise must be minimized via isolated power.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'RZ' suffix and the standard 'Z' model?
    • ⤷ Does this converter require external capacitors for stability?
    • ⤷ What are the recommended thermal derating curves for this part?