Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AMLD-6060-RZ

  • AI
    The **AMLD-6060-RZ** is a high-performance, constant-current LED driver module designed specifically for high-power lighting applications. It is often used in stage lighting, architectural illumination, and industrial LED systems where precise dimming and thermal management are required. ### 1. Key Technical Specifications The following table summarizes the core electronic characteristics of the AMLD-6060-RZ: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 7V to 60V DC | | **Output Current** | 600mA (Constant Current) | | **Efficiency** | Up to 97% | | **Dimming Method** | PWM and Analog Dimming | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | DIP/Through-hole or Wired (depending on sub-model) | --- ### 2. Core Electronic Components & Features The module is more than just a resistor; it is a sophisticated **Buck (Step-down) Switching Regulator**. Below are the critical functional aspects of its internal circuitry: #### A. Internal Switching Regulator Unlike linear regulators that waste excess voltage as heat, the AMLD-6060-RZ uses high-frequency switching. This allows it to drive LEDs efficiently even when the input voltage is significantly higher than the LED forward voltage. #### B. Control and Dimming Pins The device typically features a multi-function control pin: * **PWM Dimming:** By applying a Pulse Width Modulation signal, you can control brightness from 0% to 100% without shifting the color temperature of the LED. * **Remote ON/OFF:** This pin can be used to power down the module into a low-current standby mode. #### C. Protection Circuitry The "RZ" series is known for its robustness, incorporating: * **Short Circuit Protection:** Automatically limits current or shuts down if the output is shorted. * **Over-Temperature Protection:** Reduces output current if the internal temperature exceeds safe limits to prevent permanent damage (Thermal Foldback). --- ### 3. Application Circuit Example To integrate this part, a typical setup requires very few external components due to its integrated design: ```markdown [Power Supply (7-60V)] ----> [Vin Pin] [Ground] ----> [GND Pin] [Microcontroller/PWM] ----> [Dimming Pin] [LED Anode (+)] ----> [Vout+ Pin] [LED Cathode (-)] ----> [Vout- Pin] ``` ### 4. Why use the "RZ" variant? The **RZ** designation usually implies specific compliance or physical form factors, such as: 1. **Reflow Solderable:** Designed to withstand high-temperature automated assembly. 2. **High Voltage Margin:** The 60V input capability allows for long strings of LEDs in series, which improves overall system efficiency. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AMLD-6060-RZ and the standard 350mA version?
    • ⤷ Can I use multiple AMLD-6060-RZ modules in parallel for higher current?
    • ⤷ What is the recommended PWM frequency for flicker-free dimming?