APL0120-R
AI

## Overview of the APL0120-R
The **APL0120-R** is a specific integrated circuit (IC) primarily used in power management applications. It belongs to a family of **Linear Voltage Regulators** (often Low Dropout, or LDO) designed to provide a stable output voltage from a higher input source, specifically optimized for motherboard and peripheral power requirements.
---
### Technical Specifications
Below are the typical electronic characteristics associated with the APL0120 series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Linear Voltage Regulator (LDO) |
| **Input Voltage Range** | 1.2V to 5.5V |
| **Maximum Output Current** | 2.0A (Continuous) |
| **Dropout Voltage** | ~300mV @ 2A |
| **Package Type** | SOP-8 / SOP-8P (Exposed Pad) |
| **Protection Features** | Thermal Shutdown, Current Limit |
---
### Key Internal Components & Features
The APL0120-R consists of several internal electronic stages that ensure precise voltage delivery:
1. **Pass Element (N-Channel MOSFET):**
* Unlike older regulators that use bipolar transistors, this IC uses a power MOSFET to handle the current flow, which allows for a much lower dropout voltage.
2. **Error Amplifier:**
* This compares the internal reference voltage with the actual output voltage. It adjusts the gate of the MOSFET to correct any discrepancies.
3. **Voltage Reference (Bandgap):**
* A temperature-compensated circuit that provides a highly stable "target" voltage.
4. **Soft-Start Circuitry:**
* Internal mechanisms prevent large current spikes when the device is first turned on, protecting the load.
---
### Typical Pin Configuration (SOP-8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Main input power source. |
| 2 | **VCNTL** | Control voltage (often higher than VIN to drive the MOSFET gate). |
| 3 | **EN** | Enable pin (High = On, Low = Shutdown). |
| 4 | **POK** | Power OK indicator (Open-drain output). |
| 5 | **FB** | Feedback pin used to set/monitor the output voltage. |
| 6 | **VOUT** | Regulated output voltage. |
| 7 | **GND** | Ground reference. |
| 8 | **NC/PAD** | No connection or Thermal Pad for heat dissipation. |
---
### Applications
* **Motherboards:** Powering the Northbridge/Southbridge or DDR memory terminations.
* **Graphics Cards:** Providing stable low-voltage rails for GPU logic.
* **Set-top Boxes:** General low-noise power regulation.
---
- ⤷What is the difference between the APL0120 and a standard LM1117 regulator?
- ⤷ How do you calculate the resistor values for the Feedback (FB) pin on this IC?
- ⤷ What are the thermal considerations for using the APL0120-R at its maximum 2A current?