Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • APL0566.5-R

  • AI
    The **APL0566.5-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck (Step-Down) Controller** or a related power management integrated circuit (PMIC), often manufactured by ANPEC Electronics. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. General Overview The APL0566 series is designed to convert a higher input voltage into a lower output voltage with high efficiency. It is commonly found in computer motherboards, notebooks, and industrial power supplies where stable voltage regulation is critical. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Synchronous Buck Controller / Voltage Regulator | | **Input Voltage Range** | Typically 4.5V to 24V (depending on specific circuit implementation) | | **Output Type** | Adjustable or Fixed (typically supports high-current loads) | | **Package Type** | SOP-8, MSOP-8, or TDFN (check the suffix for exact footprint) | | **Operating Temperature** | -40°C to +85°C | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 3. Key Electronic Characteristics * **Synchronous Rectification:** It uses two MOSFETs (high-side and low-side) to improve efficiency by reducing power loss compared to traditional diode-based buck converters. * **Protection Features:** * **OCP (Over-Current Protection):** Monitors current to prevent damage during a short circuit. * **OVP/UVP:** Over-voltage and Under-voltage protection to safeguard sensitive downstream components. * **OTP:** Over-temperature protection (thermal shutdown). * **Soft-Start Function:** Gradually increases the output voltage during power-up to prevent "inrush current" that could damage the power source. * **High Switching Frequency:** Allows the use of smaller inductors and capacitors, saving PCB space. ### 4. Typical Pinout Configuration (Generic SOP-8 Reference) If the device follows the standard ANPEC APL controller layout, the pins generally function as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **BOOT** | Bootstrap pin for high-side gate driver. | | 2 | **VIN** | Main input power supply. | | 3 | **UGATE** | Upper Gate driver output. | | 4 | **PHASE** | Switch node connection. | | 5 | **LGATE** | Lower Gate driver output. | | 6 | **PGND** | Power Ground. | | 7 | **FB** | Feedback input to regulate output voltage. | | 8 | **VCC** | Internal bias supply voltage. | --- ### 5. Application Areas * **PC Motherboards:** Regulating voltage for RAM (DDR3/DDR4) or chipset logic. * **Graphic Cards:** Providing stable power to GPUs. * **Networking Equipment:** Powering Routers, Switches, and Hubs. * **LCD Monitors:** Powering internal processing boards. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current capability of the APL0566 series?
    • ⤷ What are the specific differences between the APL0566 and the APL0567 variants?
    • ⤷ How do I calculate the resistor divider for the FB (Feedback) pin to set a specific voltage?