Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AS05008MR-R

  • AI
    ## Technical Overview: AS05008MR-R The **AS05008MR-R** is a high-quality, miniature loudspeaker manufactured by **PUI Audio**. It is designed for applications where space is limited but clear audio output is required. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Impedance** | 8 Ohms (±15% at 1.0kHz) | | **Rated Power** | 0.5 Watts | | **Maximum Power** | 0.8 Watts | | **Sound Pressure Level (SPL)** | 86 dB (±3dB @ 0.1W/0.1m) | | **Frequency Range** | 500 Hz ~ 4,000 Hz | | **Resonant Frequency (Fo)** | 500 Hz (±20%) | | **Magnet Material** | NdFeB (Neodymium) | | **Weight** | ~1.6 Grams | --- ### 2. Physical Construction The AS05008MR-R utilizes high-grade materials to ensure durability and sound fidelity: * **Magnet:** Uses a **Neodymium (NdFeB)** magnet. Neodymium is preferred in small speakers because it provides a strong magnetic field in a very small footprint, allowing for higher efficiency. * **Cone Material:** Typically features a Mylar or treated paper cone designed for moisture resistance and clear mid-range vocal reproduction. * **Housing:** Circular frame design with lead wires for easy soldering or connector integration. --- ### 3. Electronic Integration To use the AS05008MR-R in an electronic circuit, consider the following: #### Driving the Speaker Because it has an 8-ohm impedance and a 0.5W rating, it can be driven by a standard Class-D audio amplifier or a simple transistor circuit. ```cpp // Example: Driving a speaker via PWM (Arduino-style) // Note: Use a transistor or amplifier, do not connect directly to GPIO pins! void setup() { pinMode(9, OUTPUT); // Connect to base of transistor } void loop() { tone(9, 1000); // Send a 1kHz square wave delay(500); noTone(9); delay(500); } ``` #### Protection Circuitry * **DC Blocking:** Use a coupling capacitor (e.g., 100µF to 470µF) if using a single-supply amplifier to prevent DC current from overheating the voice coil. * **Enclosure:** For optimal sound quality, this speaker should be mounted in a small sealed or ported enclosure to prevent "acoustic short-circuiting" (where front and back sound waves cancel each other out). --- ### 4. Common Applications * Handheld medical devices. * Industrial alarm systems and buzzers. * Security panels and intercoms. * Consumer electronics (radios, toys).
    ✨ Follow-up Questions
    • ⤷What is the difference between Neodymium and Ferrite magnets in these speakers?
    • ⤷ How do I calculate the correct capacitor value for a DC blocking filter for this speaker?
    • ⤷ Can this speaker be used for high-fidelity music playback or is it limited to voice/alarms?