AI

### Product Overview: AS05008PR-A-R
The **AS05008PR-A-R** is a high-quality miniature loudspeaker manufactured by **PUI Audio, Inc.** It is designed for applications requiring a slim profile and reliable sound output, such as handheld devices, medical instruments, and IoT hardware.
---
### Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | PUI Audio, Inc. |
| **Impedance** | 8 Ohms |
| **Power Rating (Rated/Max)** | 0.5W / 0.8W |
| **Frequency Range** | 500 Hz ~ 4,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB @ 0.5W, 0.1m |
| **Resonant Frequency (Fo)** | 500 Hz |
| **Magnet Material** | NdFeB (Neodymium) |
| **Dimensions** | 50mm (Length) x 50mm (Width) |
| **Mounting Type** | Flange Mount / Solder Pads |
---
### Key Features and Construction
1. **Material Composition**:
* **Cone**: Typically Mylar or treated paper, providing a balance between durability and acoustic clarity.
* **Magnet**: Uses **Neodymium (NdFeB)**, which allows for a high magnetic flux density in a small, lightweight footprint compared to traditional ferrite magnets.
2. **Environmental Compliance**:
* The "-R" suffix indicates that the part is **RoHS Compliant**, meaning it is free from hazardous substances like lead and mercury.
3. **Form Factor**:
* It features a low-profile square design, making it ideal for integration into flat enclosures or control panels.
---
### Common Applications
* **Security Systems**: Audible alarms and voice prompts.
* **Medical Devices**: Patient monitoring alerts and heartbeat simulators.
* **Industrial Controls**: Beeps and feedback tones for human-machine interfaces (HMI).
* **Consumer Electronics**: Audio output for portable radios or intercoms.
---
### Implementation Notes
```python
# Design Consideration: Enclosure Volume
# To optimize the sound quality of the AS05008PR-A-R,
# ensure the back-enclosure is sealed.
def calculate_min_box_volume(resonant_freq):
# Simplified logic for enclosure planning
if resonant_freq <= 500:
return "Requires larger ported or sealed box for bass response."
else:
return "Compact sealed enclosure is sufficient."
# For this specific part (Fo = 500Hz)
print(calculate_min_box_volume(500))
```
- ⤷What is the difference between this model and the AS05008MS-R?
- ⤷ Can this speaker be used with an Arduino or ESP32 directly?
- ⤷ What is the recommended amplifier circuit for a 0.5W 8-ohm speaker?