AS05008PR-WR-R
AI

## Technical Overview: AS05008PR-WR-R
The **AS05008PR-WR-R** is a high-quality, miniature dynamic speaker manufactured by **PUI Audio**. It is specifically designed for applications requiring a compact form factor with moisture resistance.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms (± 15%) |
| **Rated Power** | 0.5 Watts |
| **Maximum Power** | 0.8 Watts |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB @ 0.1W / 0.1M |
| **Resonant Frequency (Fo)** | 500 Hz |
| **Diaphragm Material** | Mylar (Water Resistant) |
| **Dimensions** | 50mm Diameter x 8mm Depth |
---
### 2. Physical Construction and Features
* **Water Resistance:** The "WR" in the part number denotes **Water Resistant**. It features a Mylar cone which does not absorb moisture, making it suitable for outdoor or humid environments.
* **Form Factor:** It is a low-profile, round speaker. The slim 8mm depth allows it to fit into shallow enclosures or handheld devices.
* **RoHS Compliant:** The "R" at the end signifies compliance with RoHS standards (Lead-free).
* **Housing:** Metal frame construction for durability and magnetic shielding.
---
### 3. Electronic Integration
When integrating this part into a circuit, consider the following electronic principles:
#### A. Driving the Speaker
Because this is an 8-ohm speaker, it can be driven directly by most standard Class-D or Class-AB audio amplifiers.
* **DC Blocking:** Always use a capacitor (typically 100µF to 470µF) in series if your amplifier output has a DC offset to prevent burning out the voice coil.
#### B. Typical Applications
* **IoT Devices:** Smart home hubs or security panels.
* **Medical Instruments:** Audible alarms or voice prompts.
* **Industrial Equipment:** Control panel feedback.
* **Marine/Outdoor Electronics:** Basic audio signaling where splash resistance is required.
---
### 4. Frequency Response Characteristics
The speaker performs best in the mid-to-high range. With a resonant frequency (Fo) of 500 Hz, it is not intended for heavy bass (subwoofer) applications, but it is excellent for clear **voice reproduction** and **melodic signaling**.
- ⤷
What are the recommended enclosure designs to improve the bass response of this speaker?
- ⤷ Can this speaker be used with an Arduino or ESP32 directly?
- ⤷ What is the IP rating of the water resistance for this specific Mylar cone?