Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • AS06608MR-R

  • AI
    ## Technical Overview: AS06608MR-R The **AS06608MR-R** is a high-quality, miniature loudspeaker manufactured by **PUI Audio**. It is specifically designed for applications where space is limited but clear sound reproduction is required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Impedance** | 8 Ohms | | **Power Rating (Nominal)** | 0.8 Watts | | **Power Rating (Max)** | 1.0 Watts | | **Frequency Range** | 350 Hz ~ 20,000 Hz | | **Sound Pressure Level (SPL)** | 85 dB @ 0.8W / 0.1M | | **Diaphragm Material** | Mylar (PET) | | **Magnet Material** | NdFeB (Neodymium) | | **Mounting Type** | Surface Mount / Flange | --- ### 2. Component Analysis #### A. Magnet System The part utilizes a **Neodymium (NdFeB)** magnet. Neodymium is the strongest type of permanent magnet commercially available. This allows the speaker to be incredibly thin and lightweight while maintaining high sensitivity and magnetic flux density. #### B. Diaphragm (Mylar) The cone is made of **Mylar**. Mylar is preferred in small electronic speakers because: * It is moisture-resistant. * It provides a crisp, clear high-frequency response. * It is durable enough for industrial and handheld environments. #### C. Voice Coil and Impedance With an impedance of **8 Ohms**, this speaker is compatible with standard low-power Class-D amplifiers found in microcontrollers (like Arduino or ESP32) and specialized audio ICs. --- ### 3. Physical Dimensions & Wiring The "66" in the part number often refers to the diameter. * **Diameter:** 66mm (approx. 2.6 inches). * **Depth:** Low profile (usually under 20mm). * **Connection:** Lead wires (Red/Black) are typically used for easy soldering to a PCB or connector. --- ### 4. Common Applications Due to its broad frequency range and compact size, the AS06608MR-R is frequently used in: * **Security Systems:** Control panels and sirens. * **Medical Devices:** Monitoring equipment alerts. * **Consumer Electronics:** Handheld scanners or voice-enabled devices. * **Industrial Controls:** Audio feedback for machinery. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended amplification circuits for an 8 Ohm 0.8W speaker?
    • ⤷ How does the Mylar diaphragm compare to paper cones in terms of environmental durability?
    • ⤷ What is the physical mounting hole pattern for the AS06608MR-R?