AS07008PO-2-R
AI

The **AS07008PO-2-R** is a high-quality, miniature loudspeaker manufactured by **PUI Audio**. It is specifically designed for applications where high fidelity and slim profiles are required, such as in telecommunications, medical devices, or portable electronics.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Type** | Dynamic Speaker (Moving Coil) |
| **Impedance** | 8 Ohms (±15%) |
| **Power Rating** | 2 Watts (Nominal) / 3 Watts (Maximum) |
| **Sound Pressure Level (SPL)** | 84 dB @ 1W/0.5m |
| **Frequency Range** | 300 Hz – 20,000 Hz |
| **Resonant Frequency (Fs)** | 300 Hz (±20%) |
| **Magnet Material** | NdFeB (Neodymium) |
| **Weight** | ~24 grams |
---
### 2. Component Construction
The AS07008PO-2-R utilizes advanced materials to achieve high performance in a small footprint:
* **Neodymium Magnet:** Provides a high magnetic flux density, allowing the speaker to be powerful yet lightweight.
* **Paper Cone / Cloth Surround:** The choice of cone material balances durability with natural sound reproduction.
* **Frame Material:** Typically constructed from steel with a black electro-deposition coating to prevent corrosion.
* **Termination:** Features solder pads for secure electrical connection to a PCB or wiring harness.
---
### 3. Usage and Implementation
When integrating this part into a circuit, consider the following electronic principles:
#### Power Management
Since the nominal power is **2 Watts**, your amplifier circuit should ideally be capable of delivering this wattage at 8 Ohms without clipping.
* **Safe Voltage:** $V = \sqrt{P \times R} \approx 4.0V$ RMS.
#### Enclosure Design
To prevent "acoustic short-circuiting" (where the front wave cancels the back wave), this speaker must be mounted in a sealed or ported baffle. Because the Resonant Frequency ($F_s$) is 300 Hz, it is not suitable for deep bass but excels in voice and mid-range frequencies.
#### Polarity
The speaker features a positive (+) and negative (-) terminal. Correct phasing is critical if using multiple speakers to ensure they move in synchronization.
---
- ⤷
What are the physical dimensions and mounting requirements for the AS07008PO-2-R?
- ⤷ Can you suggest a compatible Class-D amplifier IC for this 2W 8-Ohm speaker?
- ⤷ What is the recommended enclosure volume to optimize the 300Hz frequency response?