AS07108PO-2-R
AI

The **AS07108PO-2-R** is a high-performance, miniature loudspeaker manufactured by **PUI Audio**. It is commonly used in portable electronics, medical devices, and industrial equipment where space is limited but high-quality sound is required.
---
## 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | PUI Audio |
| **Impedance** | 8 Ohms (±15%) |
| **Rated Power** | 2.0 Watts |
| **Max Power** | 3.0 Watts |
| **Sound Pressure Level (SPL)** | 88 dB @ 1W / 0.5M |
| **Resonant Frequency (Fs)** | 500 Hz (±20%) |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Magnet Material** | NdFeB (Neodymium) |
| **Cone Material** | Paper / Cloth |
| **Mounting Type** | Flange Mount / Surface |
---
## 2. Key Electronic Components & Construction
### A. Magnetic Circuit
The device utilizes a **Neodymium (NdFeB)** magnet. Neodymium is preferred in electronics because it provides a much stronger magnetic field per unit of weight compared to traditional Ferrite magnets. This allows the speaker to achieve high SPL (volume) while remaining lightweight.
### B. Voice Coil
The voice coil is the primary electrical component. When an AC signal (audio) passes through the coil, it creates a varying magnetic field that interacts with the permanent magnet, causing the cone to move. The 8-ohm impedance is standard for integration with most Class-D audio amplifiers.
### C. The Diaphragm (Cone)
The **AS07108PO-2-R** typically uses a composite paper or treated cloth cone. This material balance provides:
* **Damping:** Reduces unwanted vibrations and distortion.
* **Sensitivity:** Allows the speaker to respond quickly to electrical impulses.
---
## 3. Application Use Cases
Due to its 2.0W power rating and compact size, this part is ideal for:
* **Handheld Scanners:** For audible feedback and alerts.
* **Medical Monitors:** For heart rate beeps and vocal alarms.
* **Kiosks/ATMs:** For voice guidance.
* **IoT Devices:** Where high-fidelity voice output is needed in a small footprint.
---
## 4. Wiring and Integration
* **Polarity:** The speaker terminals are marked (usually with a "+" or a red mark). Maintaining correct polarity is crucial when using multiple speakers to avoid "phase cancellation," which results in thin, weak sound.
* **Amplifier Matching:** Ensure the audio amplifier is capable of driving an 8-ohm load at 2 Watts RMS to avoid clipping or overheating the speaker coil.
- ⤷
What are the physical dimensions of the AS07108PO-2-R speaker?
- ⤷ Does this speaker require a specific enclosure design for optimal bass response?
- ⤷ How does Neodymium compare to Ferrite magnets in terms of speaker longevity?