AS07108PO-3-R
AI

The **AS07108PO-3-R** is a high-performance, miniature loudspeaker manufactured by **PUI Audio**. It is part of their "Copperhead" series, designed for high-fidelity sound in a small form factor.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Paper Cone (Full Range) |
| **Impedance** | 8 Ohms (±15%) |
| **Power Rating (Rated/Max)** | 3.0 Watts / 4.0 Watts |
| **Sound Pressure Level (SPL)** | 83 dB @ 1W / 0.5M |
| **Resonant Frequency (Fs)** | 200 Hz |
| **Frequency Range** | 200 Hz ~ 20,000 Hz |
| **Magnet Material** | Neodymium (NdFeB) |
| **Weight** | ~28.5 grams |
---
### 2. Key Design Elements
* **Motor Structure:** It utilizes a powerful **Neodymium magnet**. Neodymium provides a much stronger magnetic field than standard ferrite, allowing the speaker to be smaller and lighter while maintaining high output and efficiency.
* **Cone Material:** It features a **paper cone with a polyether foam surround**. This combination provides a natural sound profile (typical of paper) with the durability and flexibility of foam for better excursion.
* **Form Factor:** It is a square-framed speaker measuring approximately **71mm x 71mm**, designed for easy mounting via four corner holes.
* **Ingress Protection:** While not fully waterproof, the materials are chosen for general durability in indoor electronic enclosures.
---
### 3. Common Applications
Due to its wide frequency response (covering almost the entire human hearing range except for sub-bass), it is used in:
* **Kiosks and Point-of-Sale (POS):** For clear voice prompts and UI sounds.
* **IoT Devices:** Smart home hubs that require better audio quality than a simple buzzer.
* **Medical Instrumentation:** For high-fidelity alarms and instructional audio.
* **Security Systems:** Clear two-way communication in intercoms.
---
### 4. Wiring and Implementation
To drive this speaker, you typically use a Class-D or Class-AB audio amplifier. Below is a conceptual representation of how it fits into a circuit:
```python
# System Signal Flow
[Audio Source] -> [DAC] -> [Audio Amplifier (3W+)] -> [AS07108PO-3-R]
```
**Note:** Ensure your amplifier is rated for an **8-ohm load** and can deliver at least **3W** to prevent clipping or damage to the speaker.
- ⤷
What are the mounting dimensions and hole patterns for this speaker?
- ⤷ How does a Neodymium magnet compare to a Ferrite magnet in speaker design?
- ⤷ Can this speaker be used with an Arduino or Raspberry Pi directly?