Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ASMCI-0805-R22

  • AI
    The **ASMCI-0805-R22** is a surface-mount electronic component, specifically a **Multi-layer Ceramic Chip Inductor**. It is designed for high-frequency applications where signal integrity and miniaturization are critical. --- ### 1. Key Technical Specifications Based on the part number nomenclature (typically following standard inductor coding), here are the primary specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Inductor | Multi-layer ceramic construction | | **Inductance** | **0.22 µH** (220 nH) | Denoted by "R22" | | **Package Size** | **0805** | 2.0mm x 1.25mm (Metric 2012) | | **Material** | Ceramic | High-frequency performance with low losses | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's physical and electrical properties: * **ASMC**: Series prefix (Multi-layer Ceramic Inductor). * **I**: Standard Industrial/Internal designator. * **0805**: The EIA case size (0.08 inches by 0.05 inches). * **R22**: The Inductance value. The "R" acts as a decimal point ($0.22$). --- ### 3. Electrical Characteristics While specific tolerances can vary by manufacturer (e.g., Abracon), these parts generally exhibit the following behavior: * **Self-Resonant Frequency (SRF):** Very high, usually in the range of several hundred MHz, making it ideal for RF circuits. * **Q-Factor:** Moderate to high. Ceramic cores provide better stability at high frequencies compared to ferrite cores. * **Current Rating:** Typically low (usually between 50mA to 300mA), as these are signal-level inductors rather than power inductors. * **DC Resistance (DCR):** Usually measured in Ohms ($\Omega$); lower DCR is preferred to minimize signal attenuation. --- ### 4. Common Applications Due to its small size and ceramic build, the ASMCI-0805-R22 is commonly used in: 1. **RF Matching Circuits:** Impedance matching for antennas in Bluetooth or Wi-Fi modules. 2. **Signal Filtering:** Low-pass or band-pass filters in telecommunications equipment. 3. **High-Speed Decoupling:** Removing high-frequency noise from power lines in mobile devices. 4. **Oscillators:** Used in LC circuits for frequency generation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ceramic and ferrite core inductors?
    • ⤷ How do I calculate the resonant frequency for this inductor?
    • ⤷ What are the typical tolerance levels for the R22 value?