Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ASMPH-0603-R68

  • AI
    The **ASMPH-0603-R68** is a high-performance **Multilayer Power Inductor** manufactured by Abracon. It is specifically designed for high-density power applications where space is limited, such as smartphones, tablets, and portable electronics. --- ## 1. Technical Specifications The part number can be decoded to understand its core characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH | | **Tolerance** | ±20% (Standard for power inductors) | | **Case Size** | 0603 (Metric 1608) | | **Rated Current (Max)** | ~1.1A to 1.4A (Depending on temperature rise) | | **DC Resistance (DCR)** | ~0.10 Ω (Typical) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Features * **Multilayer Construction:** Unlike wire-wound inductors, this uses printed layers of metallic paste and ferrite material. This results in a monolithic structure that is highly reliable and physically robust. * **Magnetic Shielding:** The multilayer structure inherently provides magnetic shielding, which minimizes electromagnetic interference (EMI) with surrounding components. * **Miniature Footprint:** The 0603 package (1.6mm x 0.8mm) allows for extreme miniaturization in PCB design. * **High Current Handling:** Despite its small size, it is optimized to handle the DC currents required for power management ICs (PMICs). --- ## 3. Typical Applications This component is primarily used in **DC-DC conversion** circuits. Common use cases include: 1. **Buck Converters:** Reducing voltage from a battery to power a CPU or memory module. 2. **Mobile Devices:** Powering RF modules and display drivers in smartphones. 3. **IoT Sensors:** Managing power efficiency in battery-operated wireless sensors. --- ## 4. Design Considerations (Layout) When using the ASMPH-0603-R68 in a circuit, follow these best practices: ```markdown * Place the inductor as close as possible to the switching pin of the PMIC to reduce EMI. * Ensure the PCB traces are wide enough to handle the rated current without excessive heating. * Keep sensitive analog traces away from the inductor to avoid noise coupling. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer and wire-wound inductors?
    • ⤷ How does the 'Saturation Current' affect the performance of this inductor?
    • ⤷ Are there equivalent parts from other manufacturers like TDK or Murata?