Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ATS-06F-169-C1-R0

  • AI
    The **ATS-06F-169-C1-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **pushPIN™** series, designed for efficient thermal management of electronic components like CPUs, GPUs, or power transistors. --- ### Technical Specifications The following table outlines the key physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-06F-169-C1-R0 | | **Material** | Aluminum (Blue Anodized) | | **Attachment Type** | pushPIN™ (Spring-loaded) | | **Fin Type** | Fine-Pitch | | **Fin Pattern** | COARSE-PITCH | | **Dimensions** | 30.00mm x 30.00mm x 10.00mm | | **Thermal Resistance** | 15.66°C/W (at 100 LFM) | --- ### Key Features and Electronic Functionality #### 1. Thermal Dissipation The primary role of this part is to increase the surface area of a semiconductor device, allowing heat to transfer more efficiently into the surrounding air. With a height of only 10mm, it is considered a "low-profile" solution suitable for compact enclosures. #### 2. pushPIN™ Attachment Mechanism Unlike adhesive-based heat sinks, this model uses a mechanical mounting system: * **Push-Pins:** Plastic or brass pins that snap into pre-drilled holes on the PCB. * **Compression Springs:** These ensure consistent pressure (clamping force) between the heat sink and the component, which is critical for maintaining thermal interface material (TIM) performance. #### 3. Fin Design The "Fine-Pitch" design is optimized for environments with specific airflow. It balances the trade-off between maximizing surface area and allowing air to pass through without creating excessive pressure drop. #### 4. Material and Finish * **Aluminum 6063:** Provides high thermal conductivity while remaining lightweight. * **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves emissivity. --- ### Application Use Cases * **Embedded Systems:** Cooling small-form-factor processors. * **Power Modules:** Dissipating heat from VRMs or MOSFETs. * **Networking:** Cooling ASICs in switches or routers. ---
    ✨ Follow-up Questions
    • What is the recommended hole size on the PCB for the pushPIN attachment?
    • How does the thermal resistance change at higher airflow (e.g.
    • 500 LFM)?
    • Does this model come with pre-applied thermal interface material (TIM)?