Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ATS-10B-102-C3-R0

  • AI
    The **ATS-10B-102-C3-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed for cooling integrated circuits (ICs) and other electronic components. It is part of the "pushPIN™" series manufactured by Advanced Thermal Solutions (ATS). ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-10B-102-C3-R0 | | **Series** | pushPIN™ | | **Attachment Method** | Push Pin (Spring-loaded) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Thermal Resistance** | 1.83°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm | --- ### Key Electronic & Mechanical Components #### 1. Heat Sink Body The main body is constructed from **Aluminum 6063**, which is preferred in electronics for its excellent thermal conductivity and lightweight properties. The "Blue Anodized" finish isn't just aesthetic; it provides corrosion resistance and slightly improves radiant heat emission. #### 2. Fin Design (Fine Pitch) The part utilizes a specific fin density designed to maximize surface area. This allows heat generated by the electronic component (like a CPU, FPGA, or GPU) to be transferred to the surrounding air more efficiently via convection. #### 3. pushPIN™ Attachment System Instead of using messy thermal adhesives or complex screws, this part uses a **spring-loaded push-pin system**. * **Precision Springs:** Ensure consistent downward pressure (clamping force) on the electronic component. * **Secure Fit:** This prevents the heat sink from shifting during mechanical vibration or thermal expansion. #### 4. Thermal Interface Material (TIM) The "R0" designation typically indicates that the heat sink comes with a **pre-applied Thermal Interface Material**. This material fills microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance at the contact point. --- ### Use Cases in Electronics * **Telecom Equipment:** Used on high-speed switching chips. * **Embedded Systems:** Ideal for industrial PCs where airflow might be restricted. * **Power Supplies:** Cooling voltage regulators or power transistors.
    ✨ Follow-up Questions
    • What are the airflow requirements for optimal cooling with this heat sink?
    • How do push-pin dimensions compare to typical screw-hole patterns?
    • What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?