ATS-10B-122-C2-R0
AI

The **ATS-10B-122-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 5.87°C/W (at 100 LFM) |
| **Dimensions** | 45mm x 45mm x 15mm |
| **Fin Pattern** | Fine Pitch (Cross-Cut) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to define the features of the heat sink:
* **ATS-10**: Refers to the product line/series.
* **B**: Denotes the revision or specific design variant.
* **122**: Indicates the specific size and fin configuration.
* **C2**: Refers to the **Thermal Interface Material (TIM)**. In this case, it usually implies the use of **T766** (a high-performance thermal pad or grease pre-applied).
* **R0**: Indicates the version or packaging/compliance (RoHS compliant).
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it has no electrical circuits), it plays a critical role in the stability of an electronic system:
1. **Heat Dissipation:** It utilizes a **Cross-Cut fin design**, which allows for multi-directional airflow. This is crucial in dense electronic enclosures where airflow direction may vary.
2. **Thermal Interface:** The "C2" designation ensures that there is a high-quality thermal bond between the silicon die and the aluminum fins, minimizing the "Air Gap" resistance.
3. **Mechanical Mounting:** The **pushPIN™** system uses a compression spring. This provides precise pressure across the electronic chip, ensuring optimal thermal contact without cracking the delicate substrate of the component.
---
### 4. Typical Applications
* **Embedded Systems:** For cooling SoCs (System on Chips).
* **Telecommunications:** Used on high-speed networking line cards.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
How does the Cross-Cut fin design compare to straight fin designs in terms of airflow?
- ⤷ What are the advantages of using a Push-Pin mounting system over adhesive thermal tape?
- ⤷ What is the importance of the 'Blue Anodized' finish for electronic components?