ATS-10B-13-C1-R0
AI

The **ATS-10B-13-C1-R0** is a specific part number for a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" series, designed primarily for cooling electronic components like BGA (Ball Grid Array) packages.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is a breakdown of the technical data:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 13.68 °C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Attachment Method** | "pushPIN™" (Spring-loaded) |
| **Hardware Included** | Compression Springs and Brass/Plastic Pins |
---
## 2. Key Components & Features
### A. The maxiFLOW™ Design
Unlike standard square-fin heat sinks, the ATS-10B-13-C1-R0 features a **flared fin structure**.
* **Purpose:** The tapered fins increase the surface area for radiant cooling and improve airflow efficiency.
* **Benefit:** It reduces the "pressure drop," meaning air flows through the sink more easily, which is critical in tight electronic enclosures.
### B. The pushPIN™ Attachment System
This is the "mechanical" part of the electronic assembly:
* **Springs:** Provides a consistent "firm" pressure (clamping force) on the chip to ensure maximum thermal transfer.
* **Interface Material:** These units typically come with a pre-applied **Thermal Interface Material (TIM)** or "Phase Change" pad on the bottom to fill microscopic gaps between the chip and the metal.
### C. Blue Anodized Finish
* **Thermal Performance:** Anodizing isn't just for aesthetics; it increases the emissivity of the surface, allowing the metal to radiate heat more effectively.
* **Protection:** It provides a non-conductive layer that protects the aluminum from corrosion.
---
## 3. Applications
This part is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling processors in routers and switches.
2. **Embedded Computing:** Industrial PC CPUs or high-end Microcontrollers.
3. **Power Electronics:** Cooling MOSFETs or power modules that generate significant heat in a small footprint.
---
- ⤷
What is the difference between pushPIN and adhesive tape mounting for this part?
- ⤷ How does the 'LFM' (Linear Feet per Minute) rating affect the thermal resistance of this heat sink?
- ⤷ Are there taller versions of this heat sink available for higher heat loads?