ATS-10B-69-C1-R0
AI

The **ATS-10B-69-C1-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling electronic components like CPUs, GPUs, or power modules.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-10B-69-C1-R0 |
| **Component Type** | Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 11.49°C/W (at 100 LFM) |
| **Flow Pattern** | Straight Fin |
---
### Breakdown of Electronic Characteristics
#### 1. Thermal Management
The primary "electronic" function of this part is **heat dissipation**. It prevents thermal throttling or permanent damage to semiconductors by transferring heat from the junction of the chip to the surrounding air. The straight-fin design is optimized for high-performance airflow.
#### 2. pushPIN™ Attachment System
This part uses a specialized mechanical attachment system designed for PCB (Printed Circuit Board) mounting:
* **Compression Springs:** Provides precise pressure on the electronic component to ensure maximum thermal interface contact.
* **Plastic/Brass Push Pins:** Allows for secure attachment through pre-drilled holes in the PCB without needing complex tools.
#### 3. Material and Conductivity
* **Aluminum Construction:** Offers a high thermal conductivity to weight ratio, ensuring the part does not add excessive mechanical stress to the PCB.
* **Blue Anodization:** While decorative, the anodized layer provides a thin protective oxide coating that increases emissivity and provides basic surface insulation against electrical shorts.
---
### Component Identification Code
The part number can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **10B:** Product series/line
* **69:** Specific model/fin configuration
* **C1:** Thermal Interface Material (TIM) pre-applied (usually a high-performance phase-change material)
* **R0:** Revision/RoHS compliance status
- ⤷
What is the significance of the C1 thermal interface material in this model?
- ⤷ How does the straight fin design compare to cross-cut fins for airflow?
- ⤷ What are the recommended PCB hole sizes for the pushPIN attachment?