Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ATS-13F-159-C1-R0

  • AI
    The **ATS-13F-159-C1-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Plastic) with Spring | | **Thermal Resistance** | 2.07°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 10mm | | **Fin Style** | XCUT (Cross-cut) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Structural and Electronic Functionality The part functions as a passive heat exchanger. Its design is optimized for specific electronic environments: #### A. XCUT Fin Design The heat sink features a **cross-cut** (XCUT) fin pattern. Unlike straight fins, this design allows for multi-directional airflow. This is critical in electronics where the fan might not be perfectly aligned with the heat sink, or where turbulence is required to break up the boundary layer of air. #### B. Mechanical Attachment (Push-Pins) The "F" in the part number indicates the use of plastic push-pins. This provides several benefits for electronic PCB assembly: * **Constant Pressure:** The springs ensure a consistent downward force (load) on the component, which is vital for maintaining the integrity of the thermal interface. * **Easy Installation:** No tools are required, reducing labor time during mass production. * **Safety:** The push-pins fit into pre-drilled holes on the PCB (typically 3mm), ensuring the heat sink doesn't shift during shipping or vibration. #### C. Thermal Interface Material (TIM) The **C1** designation in the part number refers to the **T766** thermal interface material. This is a "phase change" or high-performance pad pre-applied to the base of the heat sink. It fills the microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal resistance. --- ### 3. Applications This part is typically found in: * **Telecommunications:** High-speed routers and switches. * **Computing:** Embedded systems and industrial PCs. * **Power Electronics:** Voltage regulators and motor controllers that generate localized "hot spots." ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized heat sinks in terms of performance?
    • ⤷ How do I calculate if the 2.07°C/W thermal resistance is sufficient for my specific chip?
    • ⤷ What are the PCB hole diameter requirements for the ATS push-pin system?