ATS-14F-84-C1-R0
AI

The **ATS-14F-84-C1-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed by Advanced Thermal Solutions (ATS) as part of their "push pin" attachment series.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Component Type** | Passive Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 30mm x 30mm x 35mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) with Compression Spring |
| **Thermal Resistance** | 6.96°C/W @ 100 LFM (Linear Feet per Minute) |
| **Thermal Interface** | T766 Phase Change Material (Pre-applied) |
---
## 2. Key Features and Design
### Thermal Efficiency
The high aspect ratio of the straight fins allows for efficient heat dissipation in systems with forced airflow. The **35mm height** provides a large surface area, making it suitable for high-power components in tight PCB layouts.
### Attachment Mechanism
The "R0" suffix indicates the specific push-pin and spring assembly:
* **Push-Pins:** Usually made of durable plastic or brass, designed to snap into pre-drilled holes (3mm) on the PCB.
* **Compression Springs:** Ensure a consistent, high-pressure contact between the heatsink base and the electronic component, which minimizes thermal resistance.
### Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a phase-change material that softens at operating temperatures to fill microscopic air gaps between the heatsink and the chip, ensuring maximum heat transfer.
---
## 3. Common Applications
This heatsink is typically found in the following electronic environments:
* **Telecommunications:** Networking switches and routers.
* **Embedded Systems:** High-speed processors and FPGAs.
* **Power Supplies:** Cooling voltage regulators and power MOSFETs.
* **Industrial PC:** Cooling chipsets on motherboards.
---
- ⤷What is the difference between straight fin and cross-cut fin heatsinks?
- ⤷ Can this heatsink be used for natural convection without a fan?
- ⤷ How do I determine if the push-pin spacing matches my PCB layout?