Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ATS-52230G-C2-R0

  • AI
    The **ATS-52230G-C2-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" series, specifically designed for cooling electronic components such as processors, FPGAs, and ASICs. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Anodized Blue) | | **Dimensions** | 23mm x 23mm x 12.5mm | | **Attachment Method** | maxiGRIP™ (Frame Clip) | | **Thermal Resistance** | 5.30 °C/W (at 200 LFM) | | **Airflow Path** | Straight Fin / maxiFLOW™ | | **Compliance** | RoHS Compliant | --- ### 2. Key Components & Design The "electronic parts" of this assembly are primarily mechanical interfaces designed to protect and cool sensitive silicon: * **maxiFLOW™ Fin Geometry:** The fins are tapered and spaced to maximize surface area while reducing pressure drop. This allows for higher thermal efficiency in constrained airflows. * **maxiGRIP™ Attachment:** This is a two-part system consisting of: 1. **Plastic Frame Clip:** Replaces permanent adhesives. It snaps onto the component, applying constant pressure. 2. **Stainless Steel Spring Clip:** Provides the mechanical force needed to keep the heat sink in contact with the chip. * **Thermal Interface Material (TIM):** This part usually comes pre-applied with a high-performance thermal pad (often Chomerics T766) on the base to bridge the microscopic air gaps between the chip and the aluminum. --- ### 3. Application Use Cases This part is typically used in industrial and telecommunications electronics where space is limited but heat density is high: 1. **Network Switches/Routers:** Cooling small-form-factor processors. 2. **Embedded Systems:** Protecting SoCs (System on Chips) in fanless or low-airflow environments. 3. **Power Supplies:** Managing heat for localized power conversion modules. --- ### 4. Part Number Breakdown The nomenclature follows a specific logic: * **ATS:** Advanced Thermal Solutions (Manufacturer) * **52230:** Specific series and physical footprint (23mm) * **G:** maxiGRIP™ attachment style * **C2:** Thermal interface material type/revision * **R0:** Revision/Packaging code
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a maxiGRIP clip over thermal adhesive?
    • ⤷ How does the 5.30 °C/W thermal resistance change with different airflow speeds?
    • ⤷ Is this heat sink compatible with standard BGA chip footprints?