ATS-55210R-C2-R0
AI

The **ATS-55210R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "maxiFLOW™" series, specifically designed for cooling electronic components such as processors, FPGAs, and ASICs.
---
### ## Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 21mm x 21mm x 14.5mm |
| **Material** | Aluminum |
| **Attachment Method** | thermalENTAD™ (maxiGRIP™ compatible) |
| **Thermal Resistance** | 6.80 °C/W (at 200 LFM) |
| **Finish** | Black Anodized |
---
### ### Key Electronic/Thermal Features
1. **maxiFLOW™ Design:**
The heat sink features a high aspect ratio fin design. The spread-fin geometry maximizes surface area while maintaining a low pressure drop, which is critical for systems with dense airflow.
2. **Attachment Mechanism:**
It typically utilizes the **maxiGRIP™** attachment system. This is a mechanical fastening method that uses a plastic frame clip and a stainless steel "X-clip."
* **Advantage:** It provides high pressure for thermal interface materials without needing holes in the PCB.
3. **Thermal Interface Material (TIM):**
The "R0" suffix usually indicates that the unit comes pre-applied with a high-performance thermal phase-change material or tape, ensuring efficient heat transfer from the electronic chip to the aluminum fins.
4. **Application Suitability:**
Due to its small footprint (21x21mm), it is ideal for:
* Network switches and routers.
* Small Form-factor Pluggable (SFP) modules.
* Localized cooling for voltage regulators.
---
### ### Performance vs. Airflow
The efficiency of this part is highly dependent on the velocity of the air passing through it:
* **@ 200 LFM (Linear Feet per Minute):** 6.8 °C/W
* **@ 400 LFM:** 4.9 °C/W
* **@ 600 LFM:** 4.1 °C/W
---
- ⤷
What are the installation steps for the maxiGRIP attachment system?
- ⤷ How does the black anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be customized for different heights or materials?