ATS-P2-149-C2-R0
AI

The **ATS-P2-149-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 20mm |
| **Thermal Resistance** | 6.22°C/W (at 200 LFM) |
| **Flow Pattern** | maxiFLOW™ (Tapered fin design) |
---
### 2. Key Electronic & Mechanical Components
#### A. Fin Design (maxiFLOW™)
Unlike standard straight-fin heat sinks, the ATS-P2-149-C2-R0 uses a **tapered fin** geometry. This design:
* Increases the surface area for heat dissipation.
* Reduces pressure drop, allowing air to flow more freely through the fins.
* Optimizes cooling in environments with low-to-medium airflow.
#### B. pushPIN™ Attachment System
This heat sink uses a specialized mounting mechanism rather than simple adhesive.
* **Springs:** Ensure constant, even pressure on the electronic chip to maximize thermal interface contact.
* **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically refers to the thermal interface material provided.
* **Pre-applied:** Usually comes with a high-performance thermal pad or phase-change material on the base.
* **Purpose:** To eliminate air gaps between the chip surface and the aluminum base.
---
### 3. Application Use Cases
This component is generally used in high-power electronic assemblies where heat must be moved away from sensitive silicon to prevent "thermal throttling" or hardware failure.
* **Telecommunications:** Cooling high-speed networking chips.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Cooling MOSFETs or power regulators in a compact space.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 10.47 |
| 200 | 6.22 |
| 300 | 4.90 |
| 400 | 4.17 |
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How do I calculate if the 6.22°C/W resistance is sufficient for my specific chip?
- ⤷ What are the PCB hole diameter requirements for the pushPIN mounting system?