Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ATS-P2-62-C2-R0

  • AI
    ## Technical Overview of ATS-P2-62-C2-R0 The **ATS-P2-62-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** from the "maxiFLOW™" series manufactured by **Advanced Thermal Solutions (ATS)**. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-P2-62-C2-R0 | | **Attachment Method** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 1.64°C/W @ 200 LFM | | **Dimensions** | 45mm x 45mm x 15mm | --- ### 2. Physical Design & Composition The electronic functionality of this part is centered around **passive cooling**. Its design includes several critical elements: * **Heat Sink Body:** Constructed from extruded aluminum, which provides a high degree of thermal conductivity to draw heat away from semiconductors (CPUs, GPUs, or MOSFETs). * **Fin Configuration:** It features a high-density fin pattern designed to maximize surface area contact with the air, facilitating efficient convection. * **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. T766 is a high-performance phase-change material that fills microscopic air gaps between the electronic component and the heat sink base. --- ### 3. Attachment Mechanism: pushPIN™ The "P2" in the part number refers to the specific attachment style. Unlike adhesive-based heat sinks, this uses a mechanical **pushPIN™** system: 1. **Spring-Loaded Pins:** These ensure a consistent and precise pressure (preload) against the electronic chip. 2. **Reliability:** This prevents the heat sink from shifting during vibration or thermal cycling, which is critical for long-term electronic stability. 3. **Hardware:** It usually includes brass or plastic pins with stainless steel springs. --- ### 4. Application Use Cases This part is used to protect sensitive electronic circuits from thermal throttling or permanent damage. Common applications include: * **Telecommunications:** High-speed routers and switches. * **Embedded Systems:** Industrial motherboards. * **Power Electronics:** Power supplies and motor controllers where heat dissipation is localized.
    ✨ Follow-up Questions
    • ⤷ What are the different thermal resistance ratings for this part at different airflow speeds?
    • ⤷ How does the T766 thermal interface material compare to standard thermal grease?
    • ⤷ Can this heat sink be used with both plastic and brass pushPIN options?